Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ILQ3 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # ILQ3
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILQ3 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  ILQ3 Datasheet HTML 1Page - Siemens Semiconductor Group ILQ3 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5–158
DESCRIPTION
The ILD/Q3 are optically coupled isolated pairs employing GaAs
infrared LEDs and silicon NPN phototransistor. Signal information,
including a DC level, can be transmitted by the drive while maintain-
ing a high degree of electrical isolation between input and output.
The ILD/Q3 are especially designed for driving medium-speed logic
and can be used to eliminate troublesome ground loop and noise
problems. Also these couplers can be used to replace relays and
transformers in many digital interface applications such as CRT
modulation. The ILD3 has two isolated channels in a single DIP
package and the ILQ3 has four isolated channels per package.
See Appnote 45, “How to Use Optocoupler Normalized Curves.”
Package Dimensions in Inches (mm)
.268 (6.81)
.255 (6.48)
.790 (20.07)
.779 (19.77 )
.045 (1.14)
.030 (.76)
.100 (2.54) Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.022 (.56)
.018 (.46)
.012 (.30)
.008 (.20)
.135 (3.43)
.115 (2.92)
Pin One I.D.
Pin One I.D.
.150 (3.81)
.130 (3.30)
.040 (1.02)
.030 (.76 )
.268 (6.81)
.255 (6.48)
3
4
6
5
.390 (9.91)
.379 (9.63)
.045 (1.14)
.030 (.76)
4
° Typ.
4
° Typ.
.100 (2.54) Typ.
10
° Typ.
10
° Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.022 (.56)
.018 (.46)
.012 (.30)
.008 (.20)
.135 (3.43)
.115 (2.92)
1
2
8
7
.150 (3.81)
.130 (3.30)
.040 (1.02)
.030 (.76 )
1
2
3
4
8
7
6
5
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Emitter
Collector
Collector
Emitter
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
Anode
Cathode
Cathode
Anode
ILD3—Dual Channel
ILQ3—Quad Channel
FEATURES
• Current Transfer Ratio at IF=1.6 mA, 300% Min.
• High Collector-Emitter Voltage
•BVCEO=50 V
• Field-Effect Stable by TRansparent IOn Shield
(TRIOS)
• Double Molded Package Offers Isolation Test Voltage
5300 VACRMS, 1 sec.
• Underwriters Lab File #E52744
•
VDE 0884 Available with Option 1
Maximum Ratings (Each Channel)
Emitter
Reverse Voltage ............................................................. 6 V
Continuous Forward Current ..................................... 60 mA
Surge Current .............................................................. 2.5 A
Power Dissipation................................................... 100 mW
Derate Linearly from 25
°C.................................. 1.3 mW/°C
Detector
Collector-Emitter Reverse Voltage................................ 50 V
Collector Current ....................................................... 50 mA
Collector Current (t<1 ms)....................................... 400 mA
Total Power Dissipation .......................................... 200 mW
Derate Linearly from 25
°C.................................. 2.6 mW/°C
Package
Isolation Test Voltage (between emitter
and detector, refer to standard climate
23
°C/50% RH, DIN50014) ..................V
IO=5300 VACRMS
Creepage ............................................................min. 7 mm
Clearance............................................................min. 7 mm
Isolation Resistance
VIO=500 V, TA=25°C ......................................RIO=10
12
Ω
VIO=500 V, TA=100°C ....................................RIO=10
11
Ω
Power Dissipation................................................... 250 mW
Derate Linearly from 25
°C.................................. 3.3 mW/°C
Storage Temperature Range ........................ –40 to +150
°C
Operating Temperature Range..................... –40 to +100
°C
Junction Temperature................................................ 100
°C
Soldering Temperature,
2 mm from case bottom........................................ 260
°C
V
DE
QUAD CHANNEL
ILQ3
PHOTOTRANSISTOR
OPTOCOUPLER


Similar Part No. - ILQ3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ3 VISHAY-ILQ3 Datasheet
143Kb / 5P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
19-Apr-04
logo
Siemens Semiconductor G...
ILQ30 SIEMENS-ILQ30 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
ILQ30 VISHAY-ILQ30 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
ILQ30 VISHAY-ILQ30 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
ILQ30 VISHAY-ILQ30 Datasheet
232Kb / 10P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
28-Jul-14
More results

Similar Description - ILQ3

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
MCT271 QT-MCT271 Datasheet
455Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
Phototransistor Optocoupler
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com