Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR20150SC Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # MBR20150SC
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

MBR20150SC Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  MBR20150SC Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20150SC
Mar. 2011 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
5
Typical Performance Characteristics
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
F
,Instantaneous Forward Voltage (V)
25
0C
125
0C
150
0C
Figure 4. Typical Forward Voltage Per Diode
0
20
40
60
80
100
120
140
160
0.01
0.1
1
10
100
1000
10000
V
R
, Reverse Voltage (V)
25
0C
125
0C
150
0C
Figure 5. Typical Reverse Current Per Diode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com