Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR20150SC Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # MBR20150SC
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

MBR20150SC Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button MBR20150SC Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited MBR20150SC Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Data Sheet
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20150SC
Mar. 2011 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
8
Mechanical Dimensions (Continued)
TO-220-3 (2)
Unit: mm(inch)
3°
3
°
3°
9.800(0.386)
10.200(0.402)
3.560(0.140)
3.640(0.143)
0.700(0.028)
0.900(0.035)
1.170(0.046)
1.390(0.055)
2.540(0.100)
REF
2.540(0.100)
REF
1.200(0.047)
1.400(0.055)
0.600(0.024)
REF
4.400(0.173)
4.600(0.181)
2.200(0.087)
2.500(0.098)
0.400(0.016)
0.600(0.024)
1.620(0.064)
1.820(0.072)
1.200(0.047)
1.400(0.055)
3.000(0.118)
REF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com