Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1050/T&R Datasheet(PDF) 13 Page - Texas Instruments

Part # CC1050/T&R
Description  Single Chip Very Low Power RF Transmitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/T&R Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC1050/T&R Datasheet HTML 9Page - Texas Instruments CC1050/T&R Datasheet HTML 10Page - Texas Instruments CC1050/T&R Datasheet HTML 11Page - Texas Instruments CC1050/T&R Datasheet HTML 12Page - Texas Instruments CC1050/T&R Datasheet HTML 13Page - Texas Instruments CC1050/T&R Datasheet HTML 14Page - Texas Instruments CC1050/T&R Datasheet HTML 15Page - Texas Instruments CC1050/T&R Datasheet HTML 16Page - Texas Instruments CC1050/T&R Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
CC1050
SWRS044
Page 13 of 40
Figure 5. Configuration registers read operation
Parameter
Symbol
Min
Max
Units
Conditions
PCLK, clock
frequency
FCLOCK
-
10
MHz
PCLK low
pulse
duration
TCL,min
50
ns
The minimum time PCLK must be low.
PCLK high
pulse
duration
TCH,min
50
ns
The minimum time PCLK must be high.
PALE setup
time
TSA
10
-
ns
The minimum time PALE must be low before
negative edge of PCLK.
PALE hold
time
THA
10
-
ns
The minimum time PALE must be held low after
the positive edge of PCLK.
PDATA setup
time
TSD
10
-
ns
The minimum time data on PDATA must be ready
before the negative edge of PCLK.
PDATA hold
time
THD
10
-
ns
The minimum time data must be held at PDATA,
after the negative edge of PCLK.
Rise time
Trise
100
ns
The maximum rise time for PCLK and PALE
Fall time
Tfall
100
ns
The maximum fall time for PCLK and PALE
Note: The set-up- and hold-times refer to 50% of VDD.
Table 2. Serial interface, timing specification
PCLK
Address
Read mode
65
4
3
21
0
R
7
6
5
4
3
2
1
0
Data byte
PALE
PDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com