Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC1050/T&R Datasheet(PDF) 21 Page - Texas Instruments

Part # CC1050/T&R
Description  Single Chip Very Low Power RF Transmitter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1050/T&R Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1050/T&R Datasheet HTML 17Page - Texas Instruments CC1050/T&R Datasheet HTML 18Page - Texas Instruments CC1050/T&R Datasheet HTML 19Page - Texas Instruments CC1050/T&R Datasheet HTML 20Page - Texas Instruments CC1050/T&R Datasheet HTML 21Page - Texas Instruments CC1050/T&R Datasheet HTML 22Page - Texas Instruments CC1050/T&R Datasheet HTML 23Page - Texas Instruments CC1050/T&R Datasheet HTML 24Page - Texas Instruments CC1050/T&R Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
CC1050
SWRS044
Page 21 of 40
VCO current control
The VCO current is programmable and
should be set according to operating
frequency
and
output
power.
Recommended
settings
for
the
VCO_CURRENT bits in the CURRENT
register are shown in the tables on page
32.
The bias current for the PA buffers are
also
programmable.
Recommended
settings for the PA_DRIVE bits in the
CURRENT register are shown in the
tables on page 32.
Power management
CC1050 offers great flexibility for power
management in order to meet strict power
consumption
requirements
in
battery
operated applications. Power Down mode
is controlled through the MAIN register.
There are separate bits to control the TX
part, the frequency synthesiser and the
crystal oscillator. This individual control
can be used to optimise for lowest
possible current consumption in a certain
application.
A
typical
power-on
and
initialising
sequence
for
minimum
power
consumption is shown in Figure 13 and
Figure 14.
PALE should be tri-stated or set to a high
level during power down mode in order to
prevent a trickle current from flowing in the
internal pull-up resistor.
PA_POW should be set to 00h during
power down mode to ensure lowest
possible
leakage
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com