Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM6323ATS15A Datasheet(PDF) 11 Page - Motorola, Inc

Part # SCM6323ATS15A
Description  64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6323ATS15A Datasheet(HTML) 11 Page - Motorola, Inc

Back Button SCM6323ATS15A Datasheet HTML 4Page - Motorola, Inc SCM6323ATS15A Datasheet HTML 5Page - Motorola, Inc SCM6323ATS15A Datasheet HTML 6Page - Motorola, Inc SCM6323ATS15A Datasheet HTML 7Page - Motorola, Inc SCM6323ATS15A Datasheet HTML 8Page - Motorola, Inc SCM6323ATS15A Datasheet HTML 9Page - Motorola, Inc SCM6323ATS15A Datasheet HTML 10Page - Motorola, Inc SCM6323ATS15A Datasheet HTML 11Page - Motorola, Inc SCM6323ATS15A Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MCM6323A
11
MOTOROLA FAST SRAM
PACKAGE DIMENSIONS
YJ PACKAGE
400 MIL SOJ
CASE 919–01
23
22
44
1
R1
A
E
VIEW A–A
44X R
22 ZONES 2X
42X
b1
44X
SEATING
PLANE
D
B
E1
A
L
0.007
C AB
C
e
M
0.007
C AB
b
44X
e /2
A3
C
0.004
A
A
M
0.007
C AB
B
0.015
A2
A1
E2
E2 /2
DIM
MIN
MAX
INCHES
A
0.128
0.148
A1
0.025
–––
A2
0.082
–––
A3
0.035
0.045
b
0.015
0.020
b1
0.026
0.032
D
1.120
1.130
E
0.435
0.445
E1
0.395
0.405
E2
0.370 BSC
e
0.050 BSC
R1
0.030
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE MOLD FLASH,
TIE BAR BURRS AND GATE BURRS. MOLD
FLASH, TIE BAR BURRS AND GATE BURRS
SHALL NOT EXCEED 0.006 PER END. DIMENSION
E1 DOES NOT INCLUDE INTERLEAD FLASH.
INTERLEAD FLASH SHALL NOT EXCEED 0.010
PER SIDE.
4. THE PACKAGE TOP MAY BE SMALLER THAN THE
PACKAGE BOTTOM. DIMENSIONS D AND E1 AND,
HENCE, DATUMS A AND B, ARE DETERMINED AT
THE OUTERMOST EXTREMES OF THE PLASTIC
BODY EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD FLASH,
BUT INCLUDING ANY MISMATCH BETWEEN THE
TOP AND BOTTOM OF THE PLASTIC BODY.
5. DIMENSION b1 DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE
SHOULDER WIDTH TO EXCEED b1 MAX BY
MORE THAN 0.005. THE DAMBAR INTRUSION(S)
SHALL NOT REDUCE THE SHOULDER WIDTH TO
LESS THAN 0.001 BELOW b1 MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com