Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDST-70-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CDST-70-G
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST-70-G Datasheet(HTML) 4 Page - Comchip Technology

  CDST-70-G Datasheet HTML 1Page - Comchip Technology CDST-70-G Datasheet HTML 2Page - Comchip Technology CDST-70-G Datasheet HTML 3Page - Comchip Technology CDST-70-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-B0002
Page 4
Small Signal Switching Diodes
REV:E
Part Number
CDST-99-G
Marking Code
A7
Marking Code
XX
3
1
2
Suggested PAD Layout
A
C
B
SIZE
(inch)
0.031
(mm)
0.80
1.90
2.02
0.075
0.080
SOT-23
2.82
0.111
A
B
C
D
D
CDST-70-G
A4
CDST-56-G
A1
xx = Product type marking code
Comchip Technology CO., LTD.
Standard Packaging
Case Type
SOT-23
3,000
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com