Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CDST-70-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CDST-70-G
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST-70-G Datasheet(HTML) 3 Page - Comchip Technology

  CDST-70-G Datasheet HTML 1Page - Comchip Technology CDST-70-G Datasheet HTML 2Page - Comchip Technology CDST-70-G Datasheet HTML 3Page - Comchip Technology CDST-70-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QW-B0002
Page 3
Small Signal Switching Diodes
REV:E
Comchip Technology CO., LTD.
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
B
C
d
D
D2
D1
SOT-23
SYMBOL
(mm)
(inch)
1.969 (min)
4.00 ± 0.10
1.55 ± 0.10
54.00 (min)
13.00 ± 0.20
4.00 ± 0.10
2.00 ± 0.05
178 ± 1.00
0.061 0.004
±
7.008 ± 0.039
0.512 ± 0.008
SYMBOL
(mm)
(inch)
0.
± 0.004
157
0.157 ± 0.004
0.079 ± 0.002
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.05
0.138 ± 0.002
SOT-23
3.10 ± 0.10
0.122 ± 0.004
2.85 ± 0.10
0.112 ± 0.004
1.40 ± 0.10
0.055 ± 0.004
14.40 (max)
0.567 (max)
8.00 0.30
±
0.315 0.012
±
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com