Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGRB206-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CGRB206-G
Description  SMD General Purpose Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRB206-G Datasheet(HTML) 4 Page - Comchip Technology

  CGRB206-G Datasheet HTML 1Page - Comchip Technology CGRB206-G Datasheet HTML 2Page - Comchip Technology CGRB206-G Datasheet HTML 3Page - Comchip Technology CGRB206-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BG003
Comchip Technology CO., LTD.
Page 4
REV:B
SMD General Purpose Rectifiers
Part Number
CGRB201-G
Marking Code
Marking Code
Suggested PAD Layout
SIZE
(inch)
0.169
(mm)
4.30
2.50
2.30
0.098
0.091
SMB
6.80
0.268
E
1.80
0.071
A
B
C
D
CGRB202-G
CGRB203-G
CGRB204-G
CGRB205-G
CGRB206-G
201
202
203
204
205
206
COMCHIP
A
B
C
Product type marking code
Package:
X
CGRB207-G
207
XXXX
X
Blank
Special code :
C
○
CGRX
Special code
SMA
SMB
SMC
PAK
A
B
C
E
D
Case Type
Qty Per Reel
(Pcs)
3,000
Reel Size
(inch)
13
DO-214AA (SMB)
Standard Packaging



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com