Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CGRB206-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CGRB206-G
Description  SMD General Purpose Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRB206-G Datasheet(HTML) 1 Page - Comchip Technology

  CGRB206-G Datasheet HTML 1Page - Comchip Technology CGRB206-G Datasheet HTML 2Page - Comchip Technology CGRB206-G Datasheet HTML 3Page - Comchip Technology CGRB206-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD General Purpose Rectifiers
Glass Passivated Type
Reverse Voltage: 50 to 1000 Volts
Forward Current: 2.0 Amp
RoHS Device
Page 1
REV:B
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Built in strain relief.
-High surge current capability.
Mechanical data
-Case: JEDEC DO-214AA, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.093 grams
CGRB201-G Thru. CGRB207-G
Dimensions in inches and (millimeter)
DO-214AA (SMB)
QW-BG003
2
Notes: 1. Thermal resistance from junction to lead mounted on P.C.B. with 8.0×8.0 mm square (0.13mm thick) land area.
Comchip Technology CO., LTD.
0.155(3.94)
0.130(3.30)
0.083(2.11)
0.075(1.91)
0.220(5.59)
0.200(5.08)
0.012(0.31)
0.006(0.15)
0.008(0.20)
0.004(0.10)
0.050(1.27)
0.030(0.76)
0.096(2.44)
0.083(2.13)
0.185(4.70)
0.160(4.06)
Maximum Ratings and Electrical Characteristics
CGRB
201-G
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. average forward current
Max. instantaneous forward
at
2.0A
O
Max. DC reverse current at
TA=25
C
O
rated DC blocking voltage
TA=125
C
Max. thermal resistance (Note 1)
Max. operating junction temperature
Storage temperature
voltage
CGRB
202-G
CGRB
203-G
CGRB
204-G
CGRB
205-G
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IO
VF
IR
RθJL
TJ
TSTG
50
50
35
100
100
70
200
200
140
400
400
280
60
2.0
1.1
5.0
100
16
150
-55 to +150
600
600
420
V
V
V
A
A
V
μA
OC/W
OC
OC
CGRB
206-G
CGRB
207-G
800
800
560
1000
1000
700


Similar Part No. - CGRB206-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRB206-G COMCHIP-CGRB206-G Datasheet
47Kb / 2P
SMD General Purpose Rectifiers
More results

Similar Description - CGRB206-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
SMD General Purpose Rectifiers
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com