Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9739ABBCZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD9739ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD9739ABBCZ Datasheet HTML 54Page - Analog Devices AD9739ABBCZ Datasheet HTML 55Page - Analog Devices AD9739ABBCZ Datasheet HTML 56Page - Analog Devices AD9739ABBCZ Datasheet HTML 57Page - Analog Devices AD9739ABBCZ Datasheet HTML 58Page - Analog Devices AD9739ABBCZ Datasheet HTML 59Page - Analog Devices AD9739ABBCZ Datasheet HTML 60Page - Analog Devices AD9739ABBCZ Datasheet HTML 61Page - Analog Devices AD9739ABBCZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 58 of 64
The code-dependent current measured at the IOUTP and
IOUTN outputs is as follows:
IOUTP = 17/32 × IOUTFS + 15/32 × IOUTFS × F(Code)
(4)
IOUTN = 17/32 × IOUTFS − 15/32 × IOUTFS × F(Code)
(5)
Figure 179 shows the IOUTP vs. DACCODE transfer function
when IOUTFS is set to 19.65 mA.
20
18
10
12
14
16
8
6
4
2
0
0
4096
8192
12,288
DAC CODE
16,384
Figure 179. Gain Curve for FSC[9:0] = 512, DAC OFFSET = 1.228 mA
Peak DAC Output Power Capability
The maximum peak power capability of a differential current
output DAC is dependent on its peak differential ac current, IPEAK,
and the equivalent load resistance it sees. Because the AD9737A/
AD9739A include a differential 70 Ω resistance, it is best to use
a doubly terminated external output network similar to what is
shown in Figure 181. In this case, the equivalent load seen by
the ac current source of the DAC is 25 Ω.
If the AD9737A/AD9739A are programmed for IOUTFS = 20 mA,
the peak ac current is 9.375 mA and the peak power delivered to
the equivalent load is 2.2 mW (that is, P = I2R). Because the source
and load resistance seen by the 1:1 balun are equal, this power is
shared equally; therefore, the output load receives 1.1 mW or
0.4 dBm.
To calculate the rms power delivered to the load, the following
must be considered:
•
Peak-to-rms of the digital waveform
•
Any digital backoff from digital full scale
•
The DAC’s sinc response and nonideal losses in external
network
For example, a reconstructed sine wave with no digital backoff
ideally measures −2.6 dBm because it has a peak-to-rms ratio of
3 dB. If a typical balun loss of 0.4 dBm is included, −3 dBm of
actual power can be expected in the region where the sinc response
of the DAC has negligible influence. Increasing the output
power is best accomplished by increasing IOUTFS, although any
degradation in linearity performance must be considered
acceptable for the target application.
IPEAK =
15/32 × IOUTFS
AC
70
Ω
IOUTFS = 8.6 – 31.2mA
180
Ω
RLOAD
= 50
Ω
RSOURCE
= 50Ω
LOSSLESS
BALUN
1:1
Figure 180. Equivalent Circuit for Determining Maximum Peak Power
to a 50 Ω Load
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com