Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9739ABBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9739ABBCZ
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9739ABBCZ Datasheet HTML 11Page - Analog Devices AD9739ABBCZ Datasheet HTML 12Page - Analog Devices AD9739ABBCZ Datasheet HTML 13Page - Analog Devices AD9739ABBCZ Datasheet HTML 14Page - Analog Devices AD9739ABBCZ Datasheet HTML 15Page - Analog Devices AD9739ABBCZ Datasheet HTML 16Page - Analog Devices AD9739ABBCZ Datasheet HTML 17Page - Analog Devices AD9739ABBCZ Datasheet HTML 18Page - Analog Devices AD9739ABBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 15 of 64
AC (NORMAL MODE)
IOUTFS = 20 mA, nominal supplies, TA = 25°C, unless otherwise noted.
STOP 2.4GHz
START 20MHz
VBW 20kHz
Figure 15. Single Tone Spectrum at fOUT = 91 MHz, fDAC = 2.4 GSPS
VBW 20kHz
STOP 2.4GHz
START 20MHz
Figure 16. Single-Tone Spectrum at fOUT = 1091 MHz, fDAC = 2.4 GSPS
90
80
0
10
20
30
40
50
60
70
0
1200
1000
800
600
400
200
fOUT (MHz)
1.6GSPS
2.4GSPS
1.2GSPS
2.0GSPS
Figure 17. SFDR vs. fOUT over fDAC
120
100
80
60
40
20
0
0
200
400
600
800
1000
1200
1400
fOUT (MHz)
2.0GSPS
1.6GSPS
1.2GSPS
2.4GSPS
Figure 18. IMD vs. fOUT over fDAC
–150
–170
0
200
400
600
800
1000
1200
fOUT (MHz)
1.2GSPS
2.4GSPS
–168
–166
–164
–162
–160
–158
–156
–154
–152
Figure 19. Single-Tone NSD over fOUT
–150
–170
0
200
400
600
800
1000
1200
fOUT (MHz)
1.2GSPS
2.4GSPS
–168
–166
–164
–162
–160
–158
–156
–154
–152
Figure 20. Eight-Tone NSD over fOUT
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com