Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0839/IDC Datasheet(PDF) 5 Page - Elektron Components Ltd.

Part # PX0839/IDC
Description  Ethernet Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0839/IDC Datasheet(HTML) 5 Page - Elektron Components Ltd.

  PX0839/IDC Datasheet HTML 1Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 2Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 3Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 4Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 5Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.elektron-bulgin.com
50
Cable construction - PX0836, PX0837, PX0838 and 14199
Ethernet Buccaneer®
SPECIFICATION
Stranded S-FTP Patch cord cable - PUR Jacket
Polyurethane (PUR) jacket cable with internal construction exceeding Cat 5e performance levels.
The PUR jacket has excellent abrasion, chemical and ozone resistance, low smoke, low halogen
flame retardant construction suitable for internal and external industrial environments.
Cable
Conductors
24AWG (7/0.2mm) bare copper
Insulation
HD-PE
Pair
2 of the above cores twisted
Core
4 of the above cores
Tape
1 lap mylar tape
Screen
1 layer mylar and aluminium tape, 0.12mm tinned copper braid
Sheath
PUR Jacket Black
Op Temperature
–25°C to +85°C
Min. bend radius
10 x o/d (installation)
Min. bend radius
6 x o/d (installed)
Diameter
6.1mm nominal
Electrical @ 20˚C
Characteristic
Impedance
100
Ω ±15Ω @ 100MHz
Capacitance
330pF/km
Conductor Loop
resistance
29
Ω/100m maximum
Skew
45 nsec/100m @ 100MHz
TIA/EIA Rating
Cat 5e
RJ45 Plug
Materials
Moulding
Polycarbonate
Flammability
UL94V-0
Contact material
Phosphor Bronze
Contact plating
50 micron gold
Operating Temperature
–40°C to +70°C
Mating cycles
1,000 cycles
Compliant
Electrical
No. Conductors
8
Conductor types
24-28AWG, solid or multi-
stranded
Current rating
1.5A
Voltage rating
30V ac, 42V dc
Contact resistance
10m
Ω max.
Performance
Cat 5e
RJ45 Coupler
Materials
Coupler Shell
Copper Alloy
Coupler Plating
Nickel
Moulding
ABS
Flammability
UL94V-0
Contact material
Phosphor Bronze
Contact plating
50 micron gold
Operating Temperature
–40°C to +70°C
Mating cycles
1,000 cycles
Compliant
Electrical
No. Conductors
8
Current rating
1.5A
Voltage rating
30V ac, 42V dc
Contact resistance
10m
Ω max.
Performance
Cat 5e
RJ45 PCB Connector
Materials
Coupler Shell
Copper Alloy
Coupler Plating
Nickel
Moulding
ABS
Flammability
UL94V-0
Contact material
Phosphor Bronze
Contact plating
50 micron gold
PC Pins
Tin plated
Operating Temperature
–40°C to +70°C
Mating cycles
1,000 cycles
Compliant
Electrical
No. Conductors
8
Current rating
1.5A
Voltage rating
30V ac, 42V dc
Contact resistance
10m
Ω max.
Performance
Cat 5e
BUCCANEER FOR DATA
24 AWG -
7/0.20mm conductor
Braiding
7/0.12mm
Jacket
6.10mm dia.
Mylar tape
Insulation - HD-PE
Aluminium/PEPT tape
Polyurethane (PUR) Jacket
Drain Wire
RoHS
RoHS
RoHS
Connectors
Mechanical
Sealing
IP68, EN60529
Operating Temperature
–20˚C to +70˚C
Materials - Overmoulded
Overmould material
PVC (black)
Flammability rating
UL94V-0
Materials - Re-wireable and Panel Connectors
Connector body & locking ring
Polyester
Panel connector
Nylon 6
Flammability rating
UL94V-0
‘O’ rings
Silicon
Panel Gasket - round
Silicon
Panel Gasket - flange
Neoprene
Compliant
RoHS
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com