Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PX0839/IDC Datasheet(PDF) 2 Page - Elektron Components Ltd.

Part # PX0839/IDC
Description  Ethernet Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0839/IDC Datasheet(HTML) 2 Page - Elektron Components Ltd.

  PX0839/IDC Datasheet HTML 1Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 2Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 3Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 4Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 5Page - Elektron Components Ltd. PX0839/IDC Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Cat 5e shielded coupler
Mates with PX0836, PX0837,
PX0838 and PX0834 flex
connectors
Standard RJ45 patchcord can
be plugged into rear
Version with earth wire
available
Single hole fixing
Complete with panel sealing
gasket
PX0833
PANEL MOUNTING CONNECTOR
Part no.
Description
Fixing
PX0833
Cat 5e coupler
Front panel mounted
PX0833/E
Cat 5e coupler + earth wire
Front panel mounted
Mates with all panel mounting
connectors
Supplied with shielded RJ45
plug
Two versions:
for PUR jacket cable (Cat 5e)
for other cable sizes from
3.5 to 8mm dia.
PX0834
RE-WIREABLE FLEX CONNECTOR
Part no.
Description
PX0834/A
Cable glands optimised for PUR jacket cable to maintain Cat 5e performance
PX0834/B
Suitable for use with cables from 3.5 to 8mm diameter
Ethernet Buccaneer®
Mates with all panel mounting
connectors
Patchcords with IP68
connector
Supplied with shielded RJ45
plug
Single or double end
terminated
Standard lengths: 2m, 3m & 5m
S-FTP cable construction
PUR jacket cable
Wiring configuration to 568-B
Exceeds EIA/TIA Cat 5e
PX0836
PATCH CORD FLEX CONNECTOR - PUR JACKET CABLE
PX0836 - wire ended
PX0837- single ended
PX0838 - double ended
Part no.
Type
Length
Description
PX0836/2M00
Wire end
2m
IP68 RJ Buccaneer to bare end
PX0836/3M00
Wire end
3m
IP68 RJ Buccaneer to bare end
PX0836/5M00
Wire end
5m
IP68 RJ Buccaneer to bare end
PX0837/2M00
Single ended
2m
IP68 RJ Buccaneer to Shielded RJ45
PX0837/3M00
Single ended
3m
IP68 RJ Buccaneer to Shielded RJ45
PX0837/5M00
Single ended
5m
IP68 RJ Buccaneer to Shielded RJ45
PX0838/2M00
Double ended
2m
IP68 RJ Buccaneer to IP68 RJ Buccaneer
PX0838/3M00
Double ended
3m
IP68 RJ Buccaneer to IP68 RJ Buccaneer
PX0838/5M00
Double ended
5m
IP68 RJ Buccaneer to IP68 RJ Buccaneer
www.elektron-bulgin.com
47
BUCCANEER FOR DATA
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 47



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com