Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCW_JDSH_EC Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LCW_JDSH_EC
Description  Technology: InGaN on Sapphire
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW_JDSH_EC Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LCW_JDSH_EC Datasheet HTML 5Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 6Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 7Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 8Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 9Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 10Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 11Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 12Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Version 2.0 - OS-PCN-2012-006-A
LCW JDSH.EC
2012-02-15
9
Color Temperature 4000K
5) page 24
Farbtemperatur 4000K
5) Seite 24
6O
0.3916
0.3771
8P
0.4067
0.3982
0.3943
0.3852
0.4097
0.4065
0.4006
0.3815
0.4164
0.4029
0.4036
0.3898
0.4198
0.4115
7O
0.3943
0.3852
5Q
0.4061
0.3773
0.3969
0.3934
0.4095
0.3858
0.4036
0.3898
0.4147
0.3814
0.4067
0.3982
0.4185
0.3902
8O
0.3969
0.3934
6Q
0.4095
0.3858
0.3996
0.4015
0.4129
0.3944
0.4067
0.3982
0.4185
0.3902
0.4097
0.4065
0.4223
0.3989
5P
0.3975
0.3731
7Q
0.4129
0.3944
0.4006
0.3815
0.4164
0.4029
0.4061
0.3773
0.4223
0.3989
0.4095
0.3858
0.4261
0.4077
6P
0.4006
0.3815
8Q
0.4164
0.4029
0.4036
0.3898
0.4198
0.4115
0.4095
0.3858
0.4261
0.4077
0.4129
0.3944
0.4299
0.4165
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
5L
0.3670
0.3578
7M
0.3799
0.3828
0.3692
0.3677
0.3826
0.3931
0.3746
0.3624
0.3885
0.3882
0.3773
0.3726
0.3916
0.3987
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com