Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCW_JDSH_EC Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LCW_JDSH_EC
Description  Technology: InGaN on Sapphire
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW_JDSH_EC Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LCW_JDSH_EC Datasheet HTML 8Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 9Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 10Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 11Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 12Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 13Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 14Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 15Page - OSRAM GmbH LCW_JDSH_EC Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2012-02-15
12
Version 2.0 - OS-PCN-2012-006-A
LCW JDSH.EC
Relative Spectral Emission - V(
λ) = Standard eye response curve 4) page 24 , 1) page 24
Relative spektrale Emission - V(
λ) = spektrale Augenempfindlichkeit 4) Seite 24 , 1) Seite 24
I
e rel = f (λ); TS = 25 °C; IF = 120 mA
Radiation Characteristics 4) page 24
Abstrahlcharakteristik 4) Seite 24
I
rel = f (ϕ); TS = 25 °C
400
450
500
550
600
650
700
750
800
λ [nm]
4000K
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Ιe rel
: Vλ
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
0˚
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
0˚
20˚
40˚
60˚
80˚
100˚
120˚



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com