Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPLCG98 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SPLCG98
Description  Laser Diode on Submount 1.0 W cw Class 4 Laser Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPLCG98 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SPLCG98 Datasheet HTML 1Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 2Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 3Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 4Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
02.97
Laser Diode on Submount
SPL CGxx
1.0 W cw (Class 4 Laser Product)
(SFH 4804x2)
Features
Efficient radiation source for cw and pulsed operation
Reliable InGa(Al)As strained quantum-well material
Single emitting area 200 µm
× 1 µm
Small C-type copper submount for OEM designs
Applications
Pumping solid state lasers (Nd: YAG, Yb: YAG, …)
Laser soldering, heating, illumination
Printing, marking, surface processing
Medical applications
Testing and measurement applications
Type
Old Type
(as of Oct. 1996)
Wavelength
*)
Ordering Code
SPL CG81
SPL CG85
SPL CG94
SPL CG98
SFH 480402
SFH 480442
808 nm
850 nm
940 nm
980 nm
Q62702-P358
on request
Q62702-P1617
on request
*) Other wavelengths in the range of 780 nm ... 980 nm are available on request.
Maximum Ratings
(T
A = 25 °C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Output power (continuous wave)
1)
P
opt
1.1
W
Output power (quasi-continuous wave)
1)
(t
p ≤ 150 µs, duty cycle ≤ 1%)
P
qcw
1.5
W
Reverse voltage
V
R
––3V
Operating temperature
2)
T
op
– 10
+ 60
°C
Storage temperature
2)
T
stg
– 40
+ 85
°C
Soldering temperature, max. 10 s
T
s
140
°C
1) Optical power measurements refer to a detector with NA = 0.6
2) Bedewing is excluded


Similar Part No. - SPLCG98

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
Laser Diode in offener Bauform 2.0 W cw (C-Mount)
More results

Similar Description - SPLCG98

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
SPLPLXX SIEMENS-SPLPLXX Datasheet
78Kb / 4P
Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
logo
Bookham, Inc.
SES9-940-01 BOOKHAM-SES9-940-01 Datasheet
627Kb / 4P
9W 940nm High Power Single Emitter Laser Diode on Submount
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
Laser Diode in TO-220 Package 2.0 W cw
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
DUAL CW LASER DIODE DRIVER
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
DUAL CW LASER DIODE DRIVER
logo
OSRAM GmbH
SPL-CG65 OSRAM-SPL-CG65 Datasheet
184Kb / 7P
Red Laser Diode on Submount 0.5 W cw
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
CW Laser Diode Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com