Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPLCG98 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SPLCG98
Description  Laser Diode on Submount 1.0 W cw Class 4 Laser Product
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPLCG98 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SPLCG98 Datasheet HTML 1Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 2Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 3Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 4Page - Siemens Semiconductor Group SPLCG98 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPL CGxx
(SFH 4804x2)
Semiconductor Group
3
09.96
Optical Characteristics (T
A = 25 °C)
Radiant Power P
opt vs IF
Mode Spectrum I
rel vs λ (Popt = 1.0 W)
Farfield Distribution
Parallel to Junction I
rel vs θ
||
Farfield Distribution
Perpendicular to Junction I
rel vs θ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com