Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3569 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3569
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3569 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3569 Datasheet HTML 3Page - Linear Technology LTC3569 Datasheet HTML 4Page - Linear Technology LTC3569 Datasheet HTML 5Page - Linear Technology LTC3569 Datasheet HTML 6Page - Linear Technology LTC3569 Datasheet HTML 7Page - Linear Technology LTC3569 Datasheet HTML 8Page - Linear Technology LTC3569 Datasheet HTML 9Page - Linear Technology LTC3569 Datasheet HTML 10Page - Linear Technology LTC3569 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LTC3675
7
3675fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tBUF
Bus Free Time Between Stop and Start
Condition
1.3
μs
tHD_SDA
Hold Time After Repeated Start Condition
0.6
μs
tSU_STA
Repeated Start Condition Set-Up Time
0.6
μs
tSU_STO
Stop Condition Set-Up Time
0.6
μs
tHD_DAT(O)
Data Hold Time Output
0
900
ns
tHD_DAT(I)
Data Hold Time Input
0
ns
tSU_DAT
Data Set-Up Time
100
ns
tLOW
SCL Clock Low Period
1.3
μs
tHIGH
SCL Clock High Period
0.6
μs
tf
Clock/Data Fall Time
CB = Capacitance of One Bus Line (pF)
20+0.1CB
300
ns
tr
Clock/Data Rise Time
CB = Capacitance of One Bus Line (pF)
20+0.1CB
300
ns
tSP
Input Spike Suppression Pulse Width
50
ns
Interface Logic Pins (PBSTAT, WAKE, RSTB, IRQB, ONB)
ILK(HIGH)
Output High Leakage Current
3.6V at Pin
–1
1
μA
VOL
Output Low Voltage
3mA into Pin
100
400
mV
VONB(HIGH)
ONB High Threshold
800
1200
mV
VONB(LOW)
ONB Low Threshold
400
700
mV
Interface Logic Pins (EN1, EN2, EN3, EN4, ENBB)
VHI_ALLOFF
Enable Rising Threshold
All Regulators and LED Driver Disabled
l
400
650
1200
mV
VEN_HYS
Enable Falling Hysteresis
60
mV
VHI
Enable Rising Threshold
At Least One Regulator/LED Driver Enabled
l
380
400
420
mV
IEN
Enable Pin Leakage Current
EN = 3.6V
–1
1
μA
Pushbutton Parameters; CT = 0.01μF
tONB_LO
ONB Low Time to PBSTAT Low
WAKE High
28
50
72
ms
tONB_WAKE
ONB Low Time to WAKE High
280
400
520
ms
tONB_HR
ONB Low to Hard Reset
3.5
5
6.5
sec
tHR
Time for Which All Enabled Regulators are
Disabled
0.7
1
1.3
sec
tPBSTAT_PW
PBSTAT Minimum Pulse Width
28
50
72
ms
tWAKE_ON
WAKE High Time
3.5
5
6.5
sec
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3675 is tested under pulsed load conditions such that
TA ≈ TJ. The LTC3675 is guaranteed to meet performance specifications
from 0°C to 125°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: The LTC3675 includes overtemperature protection which protects
the device during momentary overload conditions. Junction temperature
will exceed 125°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Note 4: Static current, switches not switching. Actual current may be
higher due to gate charge losses at the switching frequency.
Note 5: Currents measured at a specific VIN pin. Buck 1 (VIN, Pin 6);
Buck 2 (VIN, Pin 7); Buck 3 and Buck 4 (VIN, Pin 10); Boost and Buck
Boost (VIN, Pin 34); LED driver (VIN, Pin 31).
Note 6: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the maximum specified pin current rating may result in device
degradation over time.
Note 7: With dual string operation, the LED pin with the lower voltage sets
the regulation point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com