Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3569 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3569
Description  7-Channel Confi gurable High Power PMIC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3569 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3569 Datasheet HTML 10Page - Linear Technology LTC3569 Datasheet HTML 11Page - Linear Technology LTC3569 Datasheet HTML 12Page - Linear Technology LTC3569 Datasheet HTML 13Page - Linear Technology LTC3569 Datasheet HTML 14Page - Linear Technology LTC3569 Datasheet HTML 15Page - Linear Technology LTC3569 Datasheet HTML 16Page - Linear Technology LTC3569 Datasheet HTML 17Page - Linear Technology LTC3569 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LTC3675
14
3675fa
PIN FUNCTIONS
EN1 (Pin 1): Buck Regulator 1 Enable Input. Active high.
FB1 (Pin 2): Buck Regulator 1 Feedback Pin. Receives
feedback by a resistor divider connected across the output.
FB2 (Pin 3): Buck Regulator 2 Feedback Pin. Receives
feedback by a resistor divider connected across the output.
Connecting FB2 to VIN combines buck regulator 2 with
buck regulator 1 for higher current.
EN2 (Pin 4): Buck Regulator 2 Enable Input. Active high.
SW1 (Pin 5): Buck Regulator 1 Switch Node. External
inductor connects to this pin.
VIN (Pin 6): Buck Regulator 1 Input Supply. A 10μF decou-
pling capacitor to GND is recommended. Must be connected
to all other VIN supply pins (Pins 7, 10, 31, 34, 40).
VIN (Pin 7): Buck Regulator 2 Input Supply. A 10μF decou-
pling capacitor to GND is recommended. Must be connected
to all other VIN supply pins (Pins 6, 10, 31, 34, 40).
SW2 (Pin 8): Buck Regulator 2 Switch Node. External
inductor connects to this pin.
SW3 (Pin 9): Buck Regulator 3 Switch Node. External
inductor connects to this pin.
VIN (Pin 10): Buck Regulators 3 and 4 Input Supply. A
10μF decoupling capacitor to GND is recommended.
Must be connected to all other VIN supply pins (Pins 6,
7, 31, 34, 40).
SW4 (Pin 11): Buck Regulator 4 Switch Node. External
inductor connects to this pin.
EN3 (Pin 12): Buck Regulator 3 Enable Input. Active high.
EN4 (Pin 13): Buck Regulator 4 Enable Input. Active high.
FB4 (Pin 14): Buck Regulator 4 Feedback Pin. Receives
feedback by a resistor divider connected across the output.
Connecting FB4 to VIN combines buck regulator 4 with
buck regulator 3 for higher current.
FB3 (Pin 15): Buck Regulator 3 Feedback Pin. Receives
feedback by a resistor divider connected across the output.
Connecting FB3 to VIN combines buck regulator 3 with
buck regulator 2 for higher current.
LED_OV (Pin 16): Overvoltage Protection Pin for LED Driver.
LED1 (Pin 17): Connect a string of up to 10 LEDs to this pin.
SW7 (Pins 18, 19, 20): LED Driver Switch Node. External
inductor connects to these pins.
LED2 (Pin 21): Connect a string of up to 10 LEDs to this pin.
CT (Pin 22): Timing Capacitor Pin. A capacitor connected
to GND sets a time constant which is scaled for use by
the WAKE, RSTB and IRQB pins.
RSTB (Pin 23): Reset Pin. Open drain output. When the
regulated output voltage of any enabled switching regulator
is more than 8% below its programmed level, this pin is
driven LOW. Assertion delay is scaled by the CT capacitor.
IRQB (Pin 24): Interrupt Pin. Open drain output. When
undervoltage, overtemperature, or an unmasked error
condition is detected, this pin is driven LOW.
PBSTAT (Pin 25): Pushbutton Status Pin. Open drain
output. This pin provides a debounced and glitch free
status of the ONB pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com