Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EBJ41HE4BDFD-AE-F Datasheet(PDF) 13 Page - Elpida Memory

Part # EBJ41HE4BDFD-AE-F
Description  4GB Registered DDR3 SDRAM DIMM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFD-AE-F Datasheet(HTML) 13 Page - Elpida Memory

Back Button EBJ41HE4BDFD-AE-F Datasheet HTML 9Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 10Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 11Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 12Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 13Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 14Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 15Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 16Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
13
Timings used for IDD and IDDQ Measurement-Loop Patterns
DDR3-1333
DDR3-1066
Parameter
9-9-9
7-7-7
Unit
CL
9
7
nCK
tCK min.
1.5
1.875
ns
nRCD min.
9
7
nCK
nRC min.
33
27
nCK
nRAS min.
24
20
nCK
nRP min.
9
7
nCK
nFAW
20
20
nCK
nRRD
4
4
nCK
nRFC
74
59
nCK
DC Characteristics 2 (TC = 0°C to +85°C, VDD, VDDQ = 1.5V
± 0.075V)
(DDR3 SDRAM Component Specification)
Parameter
Symbol
Value
Unit
Notes
Input leakage current
ILI
2
µA
VDD
≥ VIN ≥ VSS
Output leakage current
ILO
5
µA
DDQ
≥ VOUT ≥ VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com