Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EBJ41HE4BDFD-AE-F Datasheet(PDF) 2 Page - Elpida Memory

Part # EBJ41HE4BDFD-AE-F
Description  4GB Registered DDR3 SDRAM DIMM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBJ41HE4BDFD-AE-F Datasheet(HTML) 2 Page - Elpida Memory

  EBJ41HE4BDFD-AE-F Datasheet HTML 1Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 2Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 3Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 4Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 5Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 6Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 7Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 8Page - Elpida Memory EBJ41HE4BDFD-AE-F Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EBJ41HE4BDFD, EBJ41HE4BDFM, EBJ41HE4BDFP
Data Sheet E1580E30 (Ver. 3.0)
2
Ordering Information
Part number
Data rate
Mbps(max.)
Component
JEDEC speed bin*
1
(CL-tRCD-tRP)
Package
Contact
pad
Mounted devices
Mounted
logic devices
EBJ41HE4BDFD-DJ-F
1333
DDR3-1333H (9-9-9)
EDJ1104BDSE-GL-F
EDJ1104BDSE-GN-F
EDJ1104BDSE-DJ-F
IDT
EBJ41HE4BDFD-AE-F
1066
DDR3-1066F (7-7-7)
EDJ1104BDSE-GL-F
EDJ1104BDSE-GN-F
EDJ1104BDSE-DJ-F
EDJ1104BDSE-AE-F
EBJ41HE4BDFM-DJ-F
1333
DDR3-1333H (9-9-9)
EDJ1104BDSE-GL-F
EDJ1104BDSE-GN-F
EDJ1104BDSE-DJ-F
Montage
EBJ41HE4BDFM-AE-F
1066
DDR3-1066F (7-7-7)
240-pin DIMM
(lead-free and
halogen-free)
Gold
EDJ1104BDSE-GL-F
EDJ1104BDSE-GN-F
EDJ1104BDSE-DJ-F
EDJ1104BDSE-AE-F
EBJ41HE4BDFP-DJ-F
1333
DDR3-1333H (9-9-9)
EDJ1104BDSE-GL-F
EDJ1104BDSE-GN-F
EDJ1104BDSE-DJ-F
Inphi
EBJ41HE4BDFP-AE-F
1066
DDR3-1066F (7-7-7)
EDJ1104BDSE-GL-F
EDJ1104BDSE-GN-F
EDJ1104BDSE-DJ-F
EDJ1104BDSE-AE-F
Note: 1. Module /CAS latency = component CL + 1.
Part Number
Elpida Memory
Density / Rank
41: 4GB/2-rank
Module Type
H: Registered
(with heat spreader)
Mono Density
E: 1Gb
Die Rev. (Mono)
DRAM Speed Grade
DJ: DDR3-1333H (9-9-9)
AE: DDR3-1066F (7-7-7)
Product Family
J: DDR3
Type
B: Module
Power Supply, Interface
B: 1.5V, SSTL_15
Module Outline
F: 240-pin DIMM
Logic Device Information
D: IDT
M: Montage
P: Inphi
Mono Organization
4: x4
E B J 41 H E 4 B D F D - DJ - F
Environment code
F: Lead Free
(RoHS compliant)
and Halogen Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com