Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXOS8700CQ Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # FXOS8700CQ
Description  6-Axis Xtrinsic Sensor with Integrated
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FXOS8700CQ Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button FXOS8700CQ Datasheet HTML 14Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 15Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 16Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 17Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 18Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 19Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 20Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 21Page - Freescale Semiconductor, Inc FXOS8700CQ Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
Sensors
18
Freescale Semiconductor, Inc.
6
Modes of Operation
Figure 9. FXOS8700CQ power mode transition diagram
All register contents are preserved when transitioning from Active to Standby mode. Some registers are reset when transitioning
from Standby to Active. These are all noted in the device memory map register table. The Sleep and Wake modes are active
modes. For more information on how to use the Sleep and Wake modes and configuring the device to transition between them,
please refer to Section 7, “Embedded Functionality” or Freescale application note AN4074.
Table 13. Mode of operation description
Mode
I2C/SPI Bus state
VDD
VDDIO
Function description
OFF
Powered down
<1.8 V VDDIO can be > VDD
The device is powered off. All analog and digital blocks
are shutdown. I2C bus inhibited.
Standby
I2C/SPI communication with
FXOS8700CQ is possible
ON
VDDIO = High
VDD = High
Active bit is cleared
Only digital blocks are enabled.
Analog subsystem is disabled. Internal clocks disabled.
Active
(Wake/Sleep)
I2C/SPI communication with
FXOS8700CQ is possible
ON
VDDIO = High
VDD = High
Active bit is set
All blocks are enabled (digital and analog).
Sleep
Wake
Standby
OFF
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com