Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10XS3535 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 10XS3535
Description  Smart Front Corner Light Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

10XS3535 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 10XS3535 Datasheet HTML 9Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 10Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 11Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 12Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 13Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 14Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 15Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 16Page - Freescale Semiconductor, Inc 10XS3535 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
10XS3535
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
FOG LIGHT OUT4
Output Drain-to-Source ON Resistance (IOUT = 5.5 A, TA = 25 °C)
VBAT = 13.5V
VBAT = 7.0V
RDS(ON)25
–
–
–
–
10
15
m
Ω
Output Drain-to-Source ON Resistance (IOUT = 5.5 A, VBAT = 13.5 V,
TA = 150 °C)(30)
RDS(ON)150
–
–
17.0
m
Ω
Reverse Source-to-Drain ON Resistance (IOUT = -5.5 A, TA = 25 °C)(31)
VBAT = -12 V
RSD(ON)25
–
–
20
m
Ω
High Over-current Shutdown Threshold 1
VBAT = 16 V, TA = -40 °C
VBAT = 16 V, TA = 25 °C
VBAT = 16 V, TA = 125 °C
IOCHI1
63.2
67.2
66.3
62.5
79.0
80.0
79.0
74.5
94.8
92.8
91.7
86.5
A
High Over-current Shutdown Threshold 2
IOCHI2
26.2
32.8
39.4
A
Low Over-current Shutdown Threshold
IOCLO
12.1
15.2
18.3
A
Open Load Current Threshold in ON State(32)
IOL
0.1
0.4
1.0
A
Open Load Current Threshold in ON State with LED(33)
VOL = VBAT - 0.8 V
IOLLED
4.0
10.0
20.0
mA
Current Sense Full-scale Range(34)
ICS FSR
–
12.5
–
A
Severe short-circuit impedance range(30)
RSC1(OUT4)
100
–
–
m
Ω
FLASHER OUT5
Output Drain-to-Source ON Resistance (IOUT = 2.8 A, TA = 25 °C)
VBAT = 13.5 V
VBAT = 7.0 V
RDS(ON)25
–
–
–
–
35
55
m
Ω
Output Drain-to-Source ON Resistance (IOUT = 2.8 A, VBAT = 13.5 V,
TA = 150 °C)
(35)
RDS(ON)150
–
–
59.5
m
Ω
Output Drain-to-Source ON Resistance (IOUT = 1.5 A, TA = 25 °C) for LED
Control = 1
VBAT = 13.5 V
VBAT = 7.0 V
RDS(ON)25_LED
–
–
–
–
70
110
m
Ω
Output Drain-to-Source ON Resistance (IOUT = 1.5 A, VBAT = 13.5 V,
TA = 150 °C) for LED Control = 1
(35)
RDS(ON)150_LED
–
–
119
m
Ω
Reverse Source-to-Drain ON Resistance (IOUT = -2.8 A, TJ = 25 °C)(36)
VBAT = -12 V
RSD(ON)25
–
–
70
m
Ω
Notes
30.
Parameter guaranteed by design; however, it is not production tested.
31.
Source-to-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VBAT.
32.
OLLED4, bit D3 in SI data is set to [0].
33.
OLLED4, bit D3 in SI data is set to [1].
34.
For typical value of ICS FSR, ICSNS = 5.0mA. If the range is exceeded, no current clamp and the precision is no more guaranteed.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 3.0 V
≤ VCC ≤ 5.5 V, 7.0 V ≤ VBAT ≤ 2 0V, -40 °C ≤ TA ≤ 125 °C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com