| Electronic Components Datasheet Search |
|
MMA7660FCT Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MMA7660FCT Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 35 page ![]() Sensors Freescale Semiconductor, Inc. 14 MMA7660FC REGISTER DEFINITIONS NOTE: To write to the registers the MODE bit in the MODE (0x07) register must be set to 0, placing the device in Standby Mode. $00: 6-bits output value X (Read Only when not in Test Mode) XOUT — X Output Signed byte 6-bit 2’s complement data with allowable range of +31 to -32. XOUT[5] is 0 if the g direction is positive, 1 if the g direction is negative. If the Alert bit is set, the register was read at the same time as the device was attempting to update the contents. The register must be read again. $01: 6-bits output value Y (Read Only when not in Test Mode) YOUT — Y Output Signed byte 6-bit 2’s complement data with allowable range of +31 to -32. YOUT[5] is 0 if the g direction is positive, 1 if the g direction is negative. If the Alert bit is set, the register was read at the same time as the device was attempting to update the contents. The register must be read again. $02: 6-bits output value Z (Read Only when not in Test Mode) ZOUT — Z Output Signed byte 6-bit 2’s complement data with allowable range of +31 to -32. ZOUT[5] is 0 if the g direction is positive, 1 if the g direction is negative. If the Alert bit is set, the register was read at the same time as the device was attempting to update the contents. The register must be read again. Table 9. User Register Summary Address Name Definition Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00 XOUT 6-bit output value X - Alert XOUT[5] XOUT[4] XOUT[3] XOUT[2] XOUT[1] XOUT[0] $01 YOUT 6-bit output value Y - Alert YOUT[5] YOUT[4] YOUT[3] YOUT[2] YOUT[1] YOUT[0] $02 ZOUT 6-bit output value Z - Alert ZOUT[5] ZOUT[4] ZOUT[3] ZOUT[2] ZOUT[1] ZOUT[0] $03 TILT Tilt Status Shake Alert Tap PoLa[2] PoLa[1] PoLa[0] BaFro[1] BaFro[0] $04 SRST Sampling Rate Status 0 0 0 0 0 0 AWSRS AMSRS $05 SPCNT Sleep Count SC[7] SC[6] SC[5] SC[4] SC[3] SC[2] SC[1] SC[0] $06 INTSU Interrupt Setup SHINTX SHINTY SHINTZ GINT ASINT PDINT PLINT FBINT $07 MODE Mode IAH IPP SCPS ASE AWE TON - MODE $08 SR Auto-Wake/Sleep and Portrait/Landscape samples per seconds and Debounce Filter FILT[2] FILT[1] FILT[0] AWSR[1] AWSR[0] AMSR[2] AMSR[1] AMSR[0] $09 PDET Tap Detection ZDA YDA XDA PDTH[4] PDTH[3] PDTH[2] PDTH[1] PDTH[0] $0A PD Tap Debounce Count PD[7] PD[6] PD[5] PD[4] PD[3] PD[2] PD[1] PD[0] $0B-$1F Factory Reserved - - - - - - - - D7 D6 D5 D4 D3 D2 D1 D0 - Alert XOUT[5] XOUT[4] XOUT[3] XOUT[2] XOUT[1] XOUT[0] 0 0 00 0000 D7 D6 D5 D4 D3 D2 D1 D0 - Alert YOUT[5] YOUT[4] YOUT[3] YOUT[2] YOUT[1] YOUT[0] 0 0 00 00 0 0 D7 D6 D5 D4 D3 D2 D1 D0 - Alert ZOUT[5] ZXOUT[4] ZOUT[3] ZOUT[2] ZOUT[1] ZOUT[0] 0 0 0 0 00 00 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |