Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA7660FCT Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MMA7660FCT
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FCT Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MMA7660FCT Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7660FCT Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Sensors
Freescale Semiconductor, Inc.
16
MMA7660FC
$06: Interrupt Setup Register
INTSU
FBINT
0: Front/Back position change does not cause an interrupt
1: Front/Back position change causes an interrupt
PLINT
0: Up/Down/Right/Left position change does not cause an
interrupt
1: Up/Down/Right/Left position change causes an interrupt
PDINT
0: Successful tap detection does not cause an interrupt
1: Successful tap detection causes an interrupt
ASINT
0: Exiting Auto-Sleep does not cause an interrupt
1: Exiting Auto-Sleep causes an interrupt
GINT
0: There is not an automatic interrupt after every
measurement
1: There is an automatic interrupt after every measurement,
when g-cell readings are updated in XOUT, YOUT, ZOUT
registers, regardless of whether the readings have changed
or not. This interrupt does not affect the Auto-Sleep or Auto-
Wake functions.
SHINTX
0: Shake on the X-axis does not cause an interrupt or set the
Shake bit in the TILT register
1: Shake detected on the X-axis causes an interrupt, and sets
the Shake bit in the TILT register
SHINTY
0: Shake on the Y-axis does not cause an interrupt or set the
Shake bit in the TILT register
1: Shake detected on the Y-axis causes an interrupt, and sets
the Shake bit in the TILT register
SHINTZ
0: Shake on the Z-axis does not cause an interrupt or set the
Shake bit in the TILT register
1: Shake detected on the Z-axis causes an interrupt, and sets
the Shake bit in the TILT register.
The active interrupt condition (IRQ = 0 if IAH = 0, IRQ = 1 if IAH = 1) is released during the acknowledge bit of the slave address
transmission of the first subsequent I2C to MMA7660FC after the interrupt was asserted.
D7
D6
D5
D4
D3
D2
D1
D0
SHINTX
SHINTY
SHINTZ
GINT
ASINT
PDINT
PLINT
FBINT
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com