Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA7660FC Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MMA7660FC
Description  3-Axis Orientation/Motion Detection Sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7660FC Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MMA7660FC Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7660FC Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Sensors
19
Freescale Semiconductor, Inc.
MMA7660FC
AMSR[2:0]
NAME
DESCRIPTION
000
AMPD
Tap Detection Mode and 120 Samples/Second Active and Auto-Sleep Mode
Tap Detection Sampling Rate: The device takes readings continually at a rate of nominally 3846 g-cell
measurements a second. It then filters these high speed measurements by maintaining continuous rolling averages of
the current and last g-cell measurements. The averages are updated every 260 µs to track fast moving accelerations.
Tap detection: itself compares the two filtered axis responses (fast and slow) described above for each axis. The
absolute (unsigned) difference between the fast and slow axis responses is compared against the tap detection delta
threshold value PDTH[4:0] in the PDET (0x09) register.
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 8.36 ms in Active
Mode and Auto-Sleep. The update rate is 120 samples per second. These measurements update the XOUT (0x00),
YOUT (0x01), and ZOUT (0x02) registers also.
001
AM64
64 Samples/Second Active and Auto-Sleep Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every
15.625 ms in Active Mode and Auto-Sleep. The update rate is 64 samples per second. These measurements update
the XOUT (0x00), YOUT (0x01), and ZOUT (0x02) registers also.
010
AM32
32 Samples/Second Active and Auto-Sleep Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 31.25 ms in Active
Mode and Auto-Sleep. The update rate is 32 samples per second. These measurements update XOUT (0x00), YOUT
(0x01), and ZOUT (0x02) registers also.
011
AM16
16 Samples/Second Active and Auto-Sleep Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 62.5 ms in Active
Mode and Auto-Sleep. The update rate is 16 samples per second. These measurements update the XOUT (0x00),
YOUT (0x01), and ZOUT (0x02) registers also.
100
AM8
8 Samples/Second Active and Auto-Sleep Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 125 ms in Active
Mode and Auto-Sleep. The update rate is 8 samples per second. These measurements update the XOUT (0x00),
YOUT (0x01), and ZOUT (0x02) registers also.
101
AM4
4 Samples/Second Active and Auto-Sleep Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 250 ms in Active
Mode and Auto-Sleep. The update rate is 4 samples per second. These measurements update the XOUT (0x00),
YOUT (0x01), and ZOUT (0x02) registers also.
110
AM2
2 Samples/Second Active and Auto-Sleep Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 500 ms in Active
Mode and Auto-Sleep. The update rate is 2 samples per second. These measurements update the XOUT (0x00),
YOUT (0x01), and ZOUT (0x02) registers also.
111
AM1
1 Sample/Second Active and Auto-Sleep Mode
For portrait/landscape detection: The device takes and averages 32 g-cell measurements every 1000 ms in Active
Mode and Auto-Sleep. The update rate is 1 sample per second. These measurements update the XOUT (0x00), YOUT
(0x01), and ZOUT (0x02) registers also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com