Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA6527KWR2 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MMA6527KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KWR2 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MMA6527KWR2 Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 52Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 53Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 54Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 55Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 56Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Sensor
Freescale Semiconductor, Inc.
53
MMA65xx
4.7
Acceleration Data Representation
Acceleration values are determined from the 12-bit digital output (DV) using the following equations:
The linear range of digital values for signed data is -1920 to +1920, and for unsigned data is 128 to 3968. Resulting ranges
and some nominal acceleration values are shown in the following table.
Table 34. Nominal Acceleration Data Values
Unsigned Digital Value
Signed Digital Value
Nominal Acceleration
105g
105g
120g
3969 - 4095
1921 - 2047
Unused
Unused
Unused
3968
1920
80.000
g
105.49
g
120.00
g
3967
1919
79.958
g
105.44
g
119.94
g
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
2050
2
0.083333
g
0.1099
g
0.1250
g
2049
1
0.041667
g
0.0545
g
0.0625
g
2048
0
0
g0g0
g
2047
-1
-0.041667
g
-0.0545
g
-0.0625
g
2046
-2
-0.083333
g
-0.1099
g
-0.1250
g
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
129
-1919
-79.958
g
-105.44
g
-119.94
g
128
-1920
-80.000
g
-105.49
g
-120.00
g
1 - 127
-1921 - 2048
Unused
Unused
Unused
0
0
Fault
Fault
Fault
Acceleration
Sensitivity
LSB
DV
2048
–
()
×
=
Acceleration
Sensitivity
LSB
DV
×
=
For Signed Data
For Unsigned Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com