Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA6527KWR2 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MMA6527KWR2
Description  Dual-Axis SPI Inertial Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6527KWR2 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MMA6527KWR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA6527KWR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Sensor
20
Freescale Semiconductor, Inc.
MMA65xx
The values programmed into the threshold registers are the threshold values used for the arming function as described in
Section 3.8.10. The threshold registers hold independent unsigned 8-bit values for each axis and polarity. Each threshold incre-
ment is equivalent to one output LSB. Table 21 shows examples of some threshold register values and the corresponding thresh-
old.
If either the positive or negative threshold for one axis is programmed to $00, comparisons are disabled for only that polarity.
The arming function still operates for the opposite polarity. If both the positive and negative arming thresholds for one axis are
programmed to $00, the Arming function for the associated axis is disabled, and the associated output pin is disabled, regardless
of the value of the A_CFG bits in the DEVCFG register.
3.1.11
Device Status Register (DEVSTAT)
The device status register is a read-only register. A read of this register clears the status flags affected by transient conditions.
Reference Section 4.5 for details on the response for each status condition.
3.1.11.1
Unused Bits (UNUSED)
The unused bits have no impact on operation or performance. When read these bits may be ‘1’ or ‘0’.
3.1.11.2
Internal Data Error Flag (IDE)
The internal data error flag is set if a customer or OTP register data CRC fault or other internal fault is detected as defined in
Section 4.5.5. The internal data error flag is cleared by a read of the DEVSTAT register. If the error is associated with a CRC fault
in the writable register array, the fault will be re-asserted and will require a device reset to clear. If the error is associated with the
data stored in the fuse array, the fault will be re-asserted even after a device reset.
3.1.11.3
Device Initialization Flag (DEVINIT)
The device initialization flag is set during the interval between negation of internal reset and completion of internal device ini-
tialization. DEVINIT is cleared automatically. The device initialization flag is not affected by a read of the DEVSTAT register.
3.1.11.4
SPI MISO Data Mismatch Error Flag (MISOERR)
The MISO data mismatch flag is set when a MISO Data mismatch fault occurs as specified in Section 4.5.2. The MISOERR
flag is cleared by a read of the DEVSTAT register.
3.1.11.5
Offset Monitor Error Flags (OFF_X, OFFSET_Y)
The offset monitor error flags are set if the acceleration signal of the associated axis reaches the specified offset limit. The
offset monitor error flags are cleared by a read of the DEVSTAT register.
3.1.11.6
Device Reset Flag (DEVRES)
The device reset flag is set during device initialization following a device reset. The device reset flag is cleared by a read of
the DEVSTAT register.
Table 21. Threshold Register Value Examples
Axis Type
Programmed Thresholds
Positive Threshold
(g)
Negative Threshold
(g)
Range
(g)
Sensitivity
(LSB/g)
Positive
(Decimal)
Negative
(Decimal)
80
24
100
50
4.17
-2.08
80
24
255
0
10.625
Disabled
80
24
50
20
2.08
-0.83
80
24
150
75
6.25
-3.125
105.5
18.2
100
50
5.50
-2.75
105.5
18.2
255
0
14.0
Disabled
105.5
18.2
50
20
2.75
-1.10
105.5
18.2
150
75
8.24
-4.12
Table 22. Device Status Register
Location
Bit
Address
Register
76543210
$14
DEVSTAT
UNUSED
IDE
UNUSED
DEVINIT
MISOERR
OFF_Y
OFF_X
DEVRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com