Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MLU2 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MLU2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MLU2 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MLU2 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5642AF2MLU2 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
70
Freescale Semiconductor
Electrical characteristics
IACT_S
CC
P Slow/medium I/O weak
pull-up/down current16
3.0 V–3.6 V
15
—
95
µA
P4.75 V–5.25 V
35
—
200
IACT_F
CC
P Fast I/O weak pull-up/down
current16
1.62 V–1.98 V
36
—
120
µA
P2.25 V–2.75 V
34
—
139
P3.0 V–3.6 V
42
—
158
IACT_MV_PU
CC
C Multi-voltage pad weak
pull-up current
VDDE =3.0 –3.6 V
7,
multi-voltage,
high swing mode
only
10
—
75
µA
C4.75 V–5.25 V
25
—
175
IACT_MV_PD
CC
C Multi-voltage pad weak
pull-down current
VDDE =3.0 –3.6 V
7,
multi-voltage,
all process corners,
high swing mode
only
10
—
60
µA
C4.75 V–5.25 V
25
—
200
IINACT_D
CC
P I/O input leakage current17
—
–2.5
—
2.5
µA
IIC
SR
T DC injection current (per
pin)
—
–1.0
—
1.0
mA
IINACT_A
SR
P Analog input current,
channel off, AN[0:7]18
—
–250
—
250
nA
P Analog input current,
channel off, all other
analog pins18
—
–150
—
150
CL
CC
D Load capacitance (fast
I/O)19
DSC(PCR[8:9]) =
0b00
—
—
10
pF
D
DSC(PCR[8:9]) =
0b01
——
20
D
DSC(PCR[8:9]) =
0b10
——
30
D
DSC(PCR[8:9]) =
0b11
——
50
CIN
CC
D Input capacitance (digital
pins)
——
—
7
pF
CIN_A
CC
D Input capacitance (analog
pins)
——
—
10
pF
CIN_M
CC
D Input capacitance (digital
and analog pins20)
——
—
12
pF
RPUPD200K
SR
C Weak pull-up/down
resistance21, 200 k
option
—
130
—
280
k
Table 20. DC electrical specifications1 (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com