| Electronic Components Datasheet Search |
|
SPC5642AF2MLU2 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5642AF2MLU2 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc |
|
13 / 120 page ![]() MPC5642A Microcontroller Data Sheet, Rev. 3.1 Freescale Semiconductor 13 Introduction — Glitch detection on reset input — Software controlled reset assertion • External interrupt — Rising or falling edge event detection — Programmable digital filter for glitch rejection — Critical Interrupt request — Non-Maskable Interrupt request •GPIO — Centralized control of I/O and bus pins — Virtual GPIO via DSPI serialization (requires external deserialization device) — Dedicated input and output registers for setting each GPIO and Virtual GPIO pin • Internal multiplexing — Allows serial and parallel chaining of DSPIs — Allows flexible selection of eQADC trigger inputs — Allows selection of interrupt requests between external pins and DSPI — From a set of eTPU output channels, allows selection of source signals for decimation filter integrators 1.5.8 Flash memory The MPC5642A provides 2 MB of programmable, non-volatile, flash memory. The non-volatile memory (NVM) can be used to store instructions or data, or both. The flash module includes a Fetch Accelerator that optimizes the performance of the flash array to match the CPU architecture. The flash module interfaces the system bus to a dedicated flash memory array controller. For CPU ‘loads’, DMA transfers and CPU instruction fetch, it supports a 64-bit data bus width at the system bus port, and 128-bit read data interfaces to flash memory. The module contains a prefetch controller which prefetches sequential lines of data from the flash array into the buffers. Prefetch buffer hits allow no-wait responses. The flash memory provides the following features: • Supports a 64-bit data bus for instruction fetch, CPU loads and DMA access. Byte, halfword, word and doubleword reads are supported. Only aligned word and doubleword writes are supported. • Fetch Accelerator — Architected to optimize the performance of the flash — Configurable read buffering and line prefetch support — 4-entry 128-bit wide line read buffer — Prefetch controller • Hardware and software configurable read and write access protections on a per-master basis • Interface to the flash array controller pipelined with a depth of one, allowing overlapped accesses to proceed in parallel for pipelined flash array designs • Configurable access timing usable in a wide range of system frequencies • Multiple-mapping support and mapping-based block access timing (0–31 additional cycles) usable for emulation of other memory types • Software programmable block program/erase restriction control • Erase of selected block(s) • Read page size of 128 bits (4 words) • ECC with single-bit correction, double-bit detection • Program page size of 128 bits (4 words) to accelerate programming • ECC single-bit error corrections are visible to software • Minimum program size is 2 consecutive 32-bit words, aligned on a 0-modulo-8 byte address, due to ECC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |