Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MVZ2 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MVZ2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MVZ2 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MVZ2 Datasheet HTML 58Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 59Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 60Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 61Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
62
Freescale Semiconductor
Electrical characteristics
3.5
Electrostatic discharge (ESD) characteristics
3.6
Power management control (PMC) and power on reset (POR)
electrical specifications
Table 13. ESD ratings1,2
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for Automotive Grade Integrated
Circuits.
2 Device failure is defined as: “If after exposure to ESD pulses, the device does not meet the device specification
requirements, which includes the complete DC parametric and functional testing at room temperature and hot
temperature.”
Symbol
Parameter
Conditions
Value
Unit
—
SR ESD for Human Body Model (HBM)
—
2000
V
R1
SR HBM circuit description
—
1500
CSR
—
100
pF
—
SR ESD for Field Induced Charge Model (FDCM)
All pins
500
V
Corner pins
750
—
SR Number of pulses per pin
Positive pulses (HBM)
1
—
Negative pulses (HBM)
1
—
—
SR Number of pulses
—
1
—
Table 14. PMC operating conditions and external regulators supply voltage
ID
Name
C
Parameter
Value
Unit
Min
Typ
Max
1TJ
SR — Junction temperature
–40
27
150
°C
2VDDREG SR — PMC 5 V supply voltage VDDREG
4.75
5
5.25
V
3VDD
CC C Core supply voltage 1.2 V VDD when external regulator is used
without disabling the internal regulator (PMC unit turned on, LVI
monitor active)1
1 An internal regulator controller can be used to regulate the core supply.
1.262
2 The minimum supply required for the part to exit reset and enter in normal run mode is 1.28 V.
1.3
1.32
V
3a
—
CC C Core supply voltage 1.2 V VDD when external regulator is used with a
disabled internal regulator (PMC unit turned-off, LVI monitor disabled)
1.14
1.2
1.32
V
4IVDD
CC C Voltage regulator core supply maximum required DC output current
400
—
—
mA
5VDD33 CC C Regulated 3.3 V supply voltage when external regulator is used
without disabling the internal regulator (PMC unit turned-on, internal
3.3V regulator enabled, LVI monitor active)3
3 An internal regulator can be used to regulate the 3.3 V supply.
3.3
3.45
3.6
V
5a
—
CC C Regulated 3.3 V supply voltage when external regulator is used with a
disabled internal regulator (PMC unit turned-off, LVI monitor disabled)
33.3
3.6
V
6
—
CC C Voltage regulator 3.3 V supply maximum required DC output current
80
—
—
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com