Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MVZ2 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MVZ2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MVZ2 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MVZ2 Datasheet HTML 62Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 63Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 64Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 65Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 66Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 67Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 68Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
66
Freescale Semiconductor
Electrical characteristics
3.6.2
Recommended power transistors
The following NPN transistors are recommended for use with the on-chip voltage regulator controller: ON Semiconductor™
BCP68T1 or NJD2873 as well as Philips Semiconductor™ BCP68. The collector of the external transistor is preferably
connected to the same voltage supply source as the output stage of the regulator.
3.7
Power up/down sequencing
There is no power sequencing required among power sources during power up and power down, in order to operate within
specification.
Although there are no power up/down sequencing requirements to prevent issues such as latch-up or excessive current spikes,
the state of the I/O pins during power up/down varies according to Table 18 for all pins with pad type fast, and Table 19 for all
pins with pad type medium, slow, and multi-voltage.
Re
0.252
0.280
0.308
+/-10%
Creg
—
10
F
—
It depends on
external Vreg.
Cc
5
F10F13.5F
X7R, -50%/+35%
Rc
1.1
—
5.6
May or may not be
required. It depends
on the allowable
power dissipation of
T1.
Table 17. Transistor recommended operating characteristics
Symbol
Parameter
Value
Unit
hFE ()
DC current gain (Beta)
60–550
—
PD
Absolute minimum power dissipation
>1.0
(1.5 preferred)
W
ICMaxDC
Minimum peak collector current
1.0
A
VCESAT
Collector-to-emitter saturation voltage
200–6001
1 Adjust resistor at bipolar transistor collector for 3.3 V/5.0 V to avoid VCE < VCE
SAT
mV
VBE
Base-to-emitter voltage
0.4–1.0
V
Table 18. Power sequence pin states—Fast type pads
VDDE
VRC33
VDD
Pin state
Low
X
X
Low
VDDE
Low
X
High
VDDE
VRC33
Low
High impedance
VDDE
VRC33
VDD
Functional
Table 16. MPC5642A External network specification (continued)
External Network
Parameter
Min
Typ
Max
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com