Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5642AF2MVZ2 Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # SPC5642AF2MVZ2
Description  Qorivva MPC5642A Microcontroller
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5642AF2MVZ2 Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button SPC5642AF2MVZ2 Datasheet HTML 112Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 113Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 114Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 115Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 116Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 117Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 118Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 119Page - Freescale Semiconductor, Inc SPC5642AF2MVZ2 Datasheet HTML 120Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 118 / 120 page
background image
MPC5642A Microcontroller Data Sheet, Rev. 3.1
118
Freescale Semiconductor
Document revision history
26 Mar 2012
2
(cont’d)
Merged “DSPI timing (VDDEH = 3.0 to 3.6 V)” and “DSPI timing (VDDEH = 4.5 to 5.5V)”
tables into Table 46 (DSPI timing,) and changed all parameter classification to D
Table 47 (eQADC SSI timing characteristics (pads at 3.3 V or at 5.0 V)) changed all
parameter classification to D
04 May 2012
3
Minor editorial changes and improvements throughout.
In Section 2.4, Signal summary, Table 3 (MPC5642A signal properties), updated the
following properties for the Nexus pins:
• Added a footnote to the “Nexus” title for this pin group.
• Added a footnote to the “Name” entry for EVTO.
• Updated the “Status During reset” entry for EVTO.
In Section 3.2, Maximum ratings, Table 8 (Absolute maximum ratings), removed the
“TBD - To be defined” footnote.
In Section 3.6, Power management control (PMC) and power on reset (POR) electrical
specifications, removed the “Voltage regulator controller (VRC) electrical
specifications” subsection.
In Section 3.8, DC electrical specifications, Table 20 (DC electrical specifications),
removed the “TBD - To be defined” footnote.
In Section 3.9, I/O pad current specifications, Table 21 (I/O pad average IDDE
specifications):
• Updated values and replaced TBDs with numerical data.
• Removed the “TBD - To be defined” footnote.
In Section 3.9.1, I/O pad VRC33 current specifications, Table 22 (I/O pad VRC33 average
IDDE specifications):
• Updated values and replaced TBDs with numerical data.
• Removed the “TBD - To be defined” footnote.
In Section 3.14, Platform flash controller electrical characteristics, Table 31 (APC,
RWSC, WWSC settings vs. frequency of operation), removed the “TBD - To be
defined” footnote.
In Section 5, Ordering information, Table 50 (Orderable part number summary):
• Changed all part numbers from “MPC5642AF0...“ to “SPC5642AF2...“.
• Changed “MPC5642AF0MMG1“ to “SC667201MMG1“.
• Changed “MPC5642AF0MMG2“ to “SC667201MMG2“.
• Changed “MPC5642AF0MMG3“ to “SC667201MMG3“.
In Table 51 (Revision history), removed several erroneous items from the Revision 2
entry.
29 Jun 2012
3.1
No content changes, technical or editorial, were made in this revision.
Removed the “preliminary” footers throughout.
Changed “Data Sheet: Advance Information” to “Data Sheet: Technical Data” on page 1.
Removed the “product under development” disclaimer on page 1.
Table 51. Revision history (continued)
Date
Revision
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com