Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6644 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6644
Description  Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6644 Datasheet HTML 1Page - Sipex Corporation SP6644 Datasheet HTML 2Page - Sipex Corporation SP6644 Datasheet HTML 3Page - Sipex Corporation SP6644 Datasheet HTML 4Page - Sipex Corporation SP6644 Datasheet HTML 5Page - Sipex Corporation SP6644 Datasheet HTML 6Page - Sipex Corporation SP6644 Datasheet HTML 7Page - Sipex Corporation SP6644 Datasheet HTML 8Page - Sipex Corporation SP6644 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Rev:B Date 4/13/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
V
BATT = VSHDN = 1.3V, ILOAD = 0mA, FB = GND, TAMB = -40
oC to +85oC, and typical values are at T
AMB = +25
oC unless otherwise noted.
NOTE 1: The reverse battery current is measured from the Typical Operating Circuit's input terminal to GND
when the battery is connected backward. A reverse current of 220mA will not exceed package dissipation limits
but, if left for an extended time (more than 10 minutes), may degrade performance.
NOTE 2: Specifications to -40oC are guaranteed by design, not production tested.
NOTE 3: Inductor Peak Current where . IPEAK =
1400
R
LIM
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
o
t
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
T
U
O
I
,
T
U
O
Q
0
50
8
µA
♦
♦
♦
♦
♦
V
T
U
O
V
5
.
3
=
V
o
t
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
T
T
A
B
I
,
T
T
A
B
Q
6
.
10
.
3
µA
♦
♦
♦
♦
♦
V
T
T
A
B
V
0
.
1
=
V
o
t
n
i
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
T
U
O
I
,
T
U
O
N
D
H
S
1
0
0
.
05
.
0
µA
♦
♦
♦
♦
♦
V
T
U
O
V
,
V
5
.
3
=
N
D
H
S
V
0
-
V
o
t
n
i
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
T
T
A
B
I
,
T
T
A
B
N
D
H
S
5
0
0
.
01
.
0
µA
♦
♦
♦
♦
♦
V
T
T
A
B
V
,
V
0
.
1
=
N
D
H
S
V
0
-
V
,
O
L
T
T
A
B
r
o
f
e
g
a
t
l
o
V
t
u
p
t
u
O
w
o
L
L
O
4
.
0V
♦
♦
♦
♦
♦
V
T
T
A
B
V
,
V
9
.
0
=
T
U
O
I
,
V
3
.
3
+
=
K
N
I
S
A
m
1
=
O
L
T
T
A
B
r
o
f
t
n
e
r
r
u
C
e
g
a
k
a
e
L1
µA
♦
♦
♦
♦
♦
V
T
T
A
B
V
,
V
6
.
2
=
O
L
T
T
A
B
V
5
.
3
=
y
c
n
e
i
c
i
f
f
E9
8%
♦
♦
♦
♦
♦
I
D
A
O
L
V
,
A
m
0
5
1
=
T
T
A
B
V
6
.
2
=
I
,
t
n
e
r
r
u
C
k
a
e
P
r
o
t
c
u
d
n
I
K
A
E
P
5
7
20
5
30
0
4A
m
♦
♦
♦
♦
♦
R
M
I
L
k
5
=
Ω
3
E
T
O
N
,
)
O
L
V
U
(
t
u
o
-
k
c
o
L
e
g
a
t
l
o
V
r
e
d
n
U0
0
5
.
00
2
7
.
0V
♦
♦
♦
♦
♦
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com