Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP6644 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6644
Description  Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6644 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP6644 Datasheet HTML 3Page - Sipex Corporation SP6644 Datasheet HTML 4Page - Sipex Corporation SP6644 Datasheet HTML 5Page - Sipex Corporation SP6644 Datasheet HTML 6Page - Sipex Corporation SP6644 Datasheet HTML 7Page - Sipex Corporation SP6644 Datasheet HTML 8Page - Sipex Corporation SP6644 Datasheet HTML 9Page - Sipex Corporation SP6644 Datasheet HTML 10Page - Sipex Corporation SP6644 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Rev:B Date 4/13/04
SP6644/6645 High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
Figure 25. Shutdown Response and Inductor Current,
Vout=3.3V, Vbatt=1.3V, Rlim=2.5k, Rload=550 Ohms,
Li=22uH Sumida CD43
Table 1. SP6644/6645 Pin Descriptions
Figure 26. Pinout for the SP6644/6645
Refer to the circuit in
Figure 28, T
AMB = +25
oC, unless otherwise noted.
VOUT
GND
RLIM
VBATT
LX
1
2
3
4
5
6
7
8
SP6644
SP6645
SHDN
FB
BATTLO
E
M
A
NN
O
I
T
C
N
U
F.
O
N
N
I
P
V
T
T
A
B
.
r
o
t
a
r
a
p
m
o
c
O
L
T
T
A
B
e
h
t
f
o
t
u
p
n
i
r
o
s
n
e
s
e
h
t
o
t
s
e
i
t
n
i
p
s
i
h
T
.
y
l
p
p
u
S
y
r
e
t
t
a
B
1
O
L
T
T
A
B
e
h
t
r
o
f
V
1
w
o
l
e
b
s
p
o
r
d
e
g
a
t
l
o
v
e
h
t
n
e
h
W
.
t
u
p
t
u
O
w
o
L
y
r
e
t
t
a
B
n
i
a
r
D
-
n
e
p
O
4
4
6
6
P
S
r
o
e
h
t
r
o
f
V
2
5
4
6
6
P
S
.
t
n
e
r
r
u
c
s
k
n
i
s
O
L
T
T
A
B
,
2
R
M
I
L
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
s
i
s
e
r
a
g
n
i
t
c
e
n
n
o
C
.
t
n
e
r
r
u
C
k
a
e
P
r
o
t
c
u
d
n
I
e
l
b
a
m
m
a
r
g
o
r
P
r
o
t
s
i
s
e
R
e
r
e
h
w
t
n
e
r
r
u
c
k
a
e
p
r
o
t
c
u
d
n
i
e
h
t
s
m
a
r
g
o
r
p
d
n
u
o
r
g
3
N
D
H
SV
o
t
t
c
e
n
n
o
C
.
t
u
p
n
I
n
w
o
d
t
u
h
S
W
O
L
-
e
v
i
t
c
A
T
T
A
B
.
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
r
o
f4
B
F
n
a
o
t
n
i
p
t
u
p
n
i
s
i
h
t
t
c
e
n
n
o
C
.
n
o
i
t
a
r
e
p
o
t
u
p
t
u
o
-
e
l
b
a
t
s
u
j
d
a
r
o
f
t
u
p
n
I
.
t
u
p
n
I
k
c
a
b
d
e
e
F
V
n
e
e
w
t
e
b
r
e
d
i
v
i
d
e
g
a
t
l
o
v
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
T
U
O
-
d
e
x
i
f
r
o
f
D
N
G
o
t
t
c
e
n
n
o
C
.
D
N
G
d
n
a
.
n
o
i
t
a
r
e
p
o
t
u
p
t
u
o
5
D
N
G.
d
n
u
o
r
g
y
ll
a
c
i
p
y
t
,
l
a
i
t
n
e
t
o
p
t
i
u
c
r
i
c
t
s
e
w
o
l
e
h
t
o
t
t
c
e
n
n
o
C
6
X
L
V
m
o
r
f
d
e
t
c
e
n
n
o
c
s
i
r
o
t
c
u
d
n
i
n
A
.
li
o
C
T
T
A
B
d
n
a
n
i
a
r
d
h
c
t
i
w
s
T
E
F
S
O
M
l
e
n
n
a
h
C
-
N
e
h
t
o
t
.
n
i
p
s
i
h
t
h
g
u
o
r
h
t
n
i
a
r
d
r
e
i
f
i
t
c
e
r
-
s
u
o
n
o
r
h
c
n
y
s
l
e
n
n
a
h
C
-
P
e
h
t
7
V
T
U
O
t
c
e
n
n
o
C
.
t
u
p
n
i
r
e
w
o
p
C
I
d
n
a
n
o
i
t
a
r
e
p
o
V
3
.
3
d
e
x
i
f
r
o
f
t
u
p
n
i
k
c
a
b
d
e
e
F
.
t
u
p
t
u
O
r
e
w
o
P
V
o
t
e
s
o
l
c
r
o
t
i
c
a
p
a
c
r
e
t
li
f
T
U
O
.
8
I
PEAK =
1400
R
LIM
SDN
2V/div
Li
0.5A/div
V
OUT, VBATT
1V/div
PERFORMANCE CHARACTERISTICS
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com