Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL2418 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # SL2418
Description  Telephone Tone Ringer with Bridge Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL2418 Datasheet(HTML) 1 Page - System Logic Semiconductor

  SL2418 Datasheet HTML 1Page - System Logic Semiconductor SL2418 Datasheet HTML 2Page - System Logic Semiconductor SL2418 Datasheet HTML 3Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SL2418
System Logic
Semiconductor
SLS
Telephone Tone Ringer with Bridge Diode
The SL2418 is a monolithic integrated circuit telephone tone ringer
with bridge diode, when coupled with an appropriate transducer, it
replaces the electro-mechanical bell. The device is designed for use
with either a piezo transducer or an inexpensive transformer coupled
speaker to produce a pleasing tone composed of a high frequency (fR)
alternating with a low frequency (fL) resulting in a warble frequency.
The supply voltage is obtained from the AC ring signal and the circuit
is designed so that noise on the line or variation of the ringing signal
can not affect correct operation of the device.
• On chip high voltage full wave diode bridge rectifier
• Low current consumption, in order to allow the parallel operation
of the 4 devices
• Low external component count
• Tone and switching frequencies adjustable by external
components
• High noise immunity due to built-in voltage-current hysteresis
• Activation voltage adjustable
• Internal zener diodes to protect against over voltages
• Ringer impedance adjustable with external components
ORDERING INFORMATION
SL2418N Plastic
SL2418D SOIC
TA = -20
° to 70° C
for package
PIN ASSIGNMENT
BLOCK DIAGRAM


Similar Part No. - SL2418

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL2410 SLS-SL2410 Datasheet
60Kb / 6P
Tone Ringer
SL2410N SLS-SL2410N Datasheet
60Kb / 6P
Tone Ringer
SL2411 SLS-SL2411 Datasheet
50Kb / 6P
Tone Ringer
SL2411N SLS-SL2411N Datasheet
50Kb / 6P
Tone Ringer
More results

Similar Description - SL2418

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
TELEPHONE TONE RINGER
logo
Wing Shing Computer Com...
WS2418 WINGS-WS2418 Datasheet
102Kb / 3P
TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
List of Unclassifed Man...
IN2418 ETC-IN2418 Datasheet
152Kb / 3P
Telephone Tone Ringer with Bridge Diode
IL2418 ETC-IL2418 Datasheet
48Kb / 5P
Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418 Datasheet
117Kb / 4P
Telephone tone ringer with bridge diode
logo
Integral Corp.
IL6840 INTEGRAL-IL6840 Datasheet
297Kb / 5P
Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_07 Datasheet
268Kb / 6P
Telephone Tone Ringer with Bridge Diode
logo
Wing Shing Computer Com...
KA2418 WINGS-KA2418 Datasheet
103Kb / 3P
TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_08 Datasheet
279Kb / 5P
Telephone Tone Ringer with Bridge Diode
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com