Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL2418 Datasheet(PDF) 2 Page - System Logic Semiconductor

Part # SL2418
Description  Telephone Tone Ringer with Bridge Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

SL2418 Datasheet(HTML) 2 Page - System Logic Semiconductor

  SL2418 Datasheet HTML 1Page - System Logic Semiconductor SL2418 Datasheet HTML 2Page - System Logic Semiconductor SL2418 Datasheet HTML 3Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SL2418
System Logic
Semiconductor
SLS
MAXIMUM RATINGS
* (T
A = 25°C)
Symbol
Parameter
Value
Unit
VTP
Calling Voltage (f = 50 Hz) Continuous
120
Vrms
VTP
Calling Voltage (f = 50 Hz) 5 Sec ON/10 Sec OFF
200
Vrms
ICC
Supply Current
22
mA
Tstg
Storage and Junction Temperature
-65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
26
V
TA
Operating Temperature
-20
+70
°C
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)
≤V
CC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.
ELECTRICAL CHARACTERISTICS(T
A = 25
°C)
Symbol
Parameter
Test Conditions
Guaranteed Limits
Unit
Min
Typ
Max
ICC
Current Consumption without
Load
VS=8.8 to 26 V
1.8
mA
VON
Activiation Voltage
12.2
13
V
VONR
Activiation Voltage Range
RA = 1 K
Ω
8
10
V
VSUS
Sustaining Voltage
8
8.8
V
RD
Differential Resistance in Off
Condition
6.4
K
Ω
VOUT
Output Voltage Swing
VCC-3
V
IOUT
Short Circuit Current
VS = 26 V
35
mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com