Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCM69P735ZP3R Datasheet(PDF) 10 Page - Motorola, Inc

Part # MCM69P735ZP3R
Description  128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P735ZP3R Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MCM69P735ZP3R Datasheet HTML 6Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 7Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 8Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 9Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 10Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 11Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 12Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 13Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MCM69P735
10
MOTOROLA FAST SRAM
(b) Pull–Up for 2.5 V I/O Supply
(c) Pull–Down for 3.3 V and 2.5 V I/O Supply
VOLTAGE (V)
PULL–UP
I (mA) MIN
I (mA) MAX
– 0.5
0
0.8
1.25
1.5
2.3
2.7
2.9
– 26
– 26
– 26
– 18
– 14
0
0
0
– 75
– 75
– 75
– 58
– 49
– 21
– 7
0
Figure 4. Typical Output Buffer Characteristics
2.9
2.5
2.3
2.1
1.25
0.8
0
0
– 26
– 75
CURRENT (mA)
VDD
1.8
1.65
0.3
0
0
46
120
CURRENT (mA)
VOLTAGE (V)
PULL–DOWN
I (mA) MIN
I (mA) MAX
– 0.5
0
0.5
1
1.65
1.8
3.6
4
– 34
0
17
35
45
46
46
46
– 126
0
47
90
114
120
120
120
(a) Pull–Up for 3.3 V I/O Supply
VOLTAGE (V)
PULL–UP
I (mA) MIN
I (mA) MAX
– 0.5
0
1.4
1.65
2.0
3.135
3.6
– 40
– 40
– 40
– 37
– 28
0
0
– 120
– 120
– 120
– 104
– 81
– 20
0
3.135
2.8
1.65
1.4
0
0– 40
CURRENT (mA)
3.6
– 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com