Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCM69P735ZP3R Datasheet(PDF) 16 Page - Motorola, Inc

Part # MCM69P735ZP3R
Description  128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P735ZP3R Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MCM69P735ZP3R Datasheet HTML 8Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 9Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 10Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 11Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 12Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 13Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 14Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 15Page - Motorola, Inc MCM69P735ZP3R Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
MCM69P735
16
MOTOROLA FAST SRAM
ZP PACKAGE
7 x 17 BUMP PBGA
CASE 999–01
PACKAGE DIMENSIONS
–L–
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
A
P
N
4X
16X
119X
TOP VIEW
K
BOTTOM VIEW
SIDE VIEW
B
S
0.20 (0.008)
R
6X
G
G
76 5 4 3 2 1
D
L
0.30 (0.012) S TW SS
0.10 (0.004) S T
0.15 (0.006) T
0.25 (0.010) T
0.35 (0.014) T
E
C
DIM
A
MIN
MAX
MIN
MAX
INCHES
14.00 BSC
0.551 BSC
MILLIMETERS
B
22.00 BSC
0.866 BSC
C
–––
2.40
–––
0.094
D
0.60
0.90
0.024
0.035
E
0.50
0.70
0.020
0.028
F
1.30
1.70
0.051
0.067
G
1.27 BSC
0.050 BSC
K
0.80
1.00
0.031
0.039
N
11.90
12.10
0.469
0.476
P
19.40
19.60
0.764
0.772
R
7.62 BSC
0.300 BSC
S
20.32 BSC
0.800 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
PIN 1A
IDENTIFIER
F
–W–
–T–
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters which may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals”
must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of
others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part. Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal
Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc.
How to reach us:
USA / EUROPE / Locations Not Listed: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; SPD, Strategic Planning Office; 4–32–1,
P.O. Box 5405, Denver, Colorado, 80217. 303–675–2140 or 1–800–441–2447
Nishi–Gotanda; Shinagawa–ku, Tokyo 141, Japan. 81–3–5487–8488
Mfax
™ : RMFAX0@email.sps.mot.com – TOUCHTONE 602–244–6609
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
– US & Canada ONLY 1–800–774–1848
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
INTERNET : http: / / motorola.com /sps
MCM69P735/D
◊



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com