Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5292IPFPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 13Page - Texas Instruments ADS5292IPFPR Datasheet HTML 14Page - Texas Instruments ADS5292IPFPR Datasheet HTML 15Page - Texas Instruments ADS5292IPFPR Datasheet HTML 16Page - Texas Instruments ADS5292IPFPR Datasheet HTML 17Page - Texas Instruments ADS5292IPFPR Datasheet HTML 18Page - Texas Instruments ADS5292IPFPR Datasheet HTML 19Page - Texas Instruments ADS5292IPFPR Datasheet HTML 20Page - Texas Instruments ADS5292IPFPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
Frequency (MHz)
SNR = 68.6 dBFS
SINAD = 67.4 dBFS
SFDR = 73.6 dBc
THD = 72.3 dBc
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
5
10
15
20
Frequency (MHz)
SNR = 70.5 dBFS
SINAD = 70.5 dBFS
SFDR = 93.9 dBc
THD = 95.2 dBc
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
Frequency (MHz)
SNR = 70.08 dBFS
SINAD = 69.9 dBFS
SFDR = 84.8 dBc
THD = 82.9 dBc
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
20
30
40
Frequency (MHz)
SNR = 70 dBFS
SINAD = 69.7 dBFS
SFDR = 84.9 dBc
THD = 80.9 dBc
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
TYPICAL CHARACTERISTICS
Typical values are at 25°C, AVDD = 1.8 V, LVDD = 1.8 V, 50% clock duty cycle, –1 dBFS differential analog input, 12Bit/80
MSPS, ADC is configured in the internal reference mode, unless otherwise noted.
Figure 8. FFT for 5 MHz Input Signal, Sample Rate = 80
Figure 9. FFT for 15 MHz Input Signal, Sample Rate = 80
MSPS
MSPS
Figure 10. FFT for 65 MHz Input Signal, Sample Rate = 80
Figure 11. FFT for 5 MHz Input Signal, Sample Rate = 40
MSPS
MSPS
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com