Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS5292IPFPR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5292IPFPR
Description  Octal Channel 12-Bit, 80 MSPS and Low-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5292IPFPR Datasheet(HTML) 57 Page - Texas Instruments

Back Button ADS5292IPFPR Datasheet HTML 53Page - Texas Instruments ADS5292IPFPR Datasheet HTML 54Page - Texas Instruments ADS5292IPFPR Datasheet HTML 55Page - Texas Instruments ADS5292IPFPR Datasheet HTML 56Page - Texas Instruments ADS5292IPFPR Datasheet HTML 57Page - Texas Instruments ADS5292IPFPR Datasheet HTML 58Page - Texas Instruments ADS5292IPFPR Datasheet HTML 59Page - Texas Instruments ADS5292IPFPR Datasheet HTML 60Page - Texas Instruments ADS5292IPFPR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
ADS5292
www.ti.com
SLAS788B – NOVEMBER 2011 – REVISED JULY 2012
Custom Filter Coefficients
The filter coefficients can also be programmed by the user (customized). For custom coefficients, set the register
bit <FILTER COEFF SELECT> and load the coefficients (h0 to h11) in registers 0x5A to 0xB9, using the serial
interface as:
Register content = real coefficient value x 211, i.e., 12 bit signed representation of real coefficient.
Board Design Considerations
Grounding
A single ground plane is sufficient to give good performance, provided the analog, digital, and clock sections of
the board are cleanly partitioned. See ADS5292EVM Evaluation Module (SLAU355) for placement of
components, routing and grounding.
Supply Decoupling
Because the ADS5292 already includes internal decoupling, minimal external decoupling can be used without
loss in performance. For example, the ADS5292EVM uses a single 0.1 µF decoupling capacitor for each supply,
placed close to the device supply pins.
Packaging
Exposed Pad
The exposed pad at the bottom of the package is the main path for heat dissipation. Therefore, the pad must be
soldered to a ground plane on the PCB for best thermal performance. The pad must be connected to the ground
plane through the optimum number of vias.
Also, visit TI’s thermal website at www.ti.com/thermal.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Link(s) :ADS5292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com