Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220IPZPQ1 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AFE8220IPZPQ1 Datasheet HTML 40Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 41Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 42Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 43Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 44Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 45Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 46Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 47Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
AFE8220-Q1
SBAS455A – JANUARY 2009 – REVISED JULY 2009....................................................................................................................................................... www.ti.com
Table 24. Control Registers (continued)
Address: 77
Description: Real-Time Clock Current Time
Bits
Range
Action
Parameter Name
4:0
1..12
Month register
rtc_month(4:0)
14:5
—
Not used
—
15
0/1
Real-time clock busy (read only)
rtc_busy
Address: 78
Description: Real-Time Clock Current Time
Bits
Range
Action
Parameter Name
7:0
0..99
Year register
rtc_year(7:0)
14:8
—
Not used
—
15
0/1
Real-time clock busy (read only)
rtc_busy
Address: 79
Description: Real-Time Clock Current Time
Bits
Range
Action
Parameter Name
2:0
0..6
Day of week
rtc_day_of_week(2:0)
14:3
—
Not used
—
15
0/1
Real-time clock busy (read only)
rtc_busy
Address: 80
Description: WAKEUP Configuration
Bits
Range
Action
Parameter Name
11:0
0..4095
GPIO input edge select for WAKEUP
wakeup_gpio_edge(11:0)
Address: 81
Description: WAKEUP Configuration
Bits
Range
Action
Parameter Name
11:0
0..4095
WAKEUP GPIO enable
wakeup_gpio_en(11:0)
Address: 82
Description: WAKEUP Configuration
Bits
Range
Action
Parameter Name
15:0
0..65535
WAKEUP enable
wakeup_en(15:0)
Address: 83
Description: WAKEUP Status
Bits
Range
Action
Parameter Name
Register read: returns WAKEUP status
15:0
0..65535
wakeup_status(15:0)
Register write: clears interrupt bit if 1 is written
Address: 84
Description: WAKEUP GPIO Status
Bits
Range
Action
Parameter Name
Register read: returns WAKEUP status
11:0
0..4095
wakeup_gpio_status(11:0)
Register write: clears interrupt bit if 1 is written
44
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com