Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFE8220IPZPQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AFE8220IPZPQ1
Description  DUAL INTERMEDIATE FREQUENCY (IF) ANALOG FRONT END FOR DIGITAL RADIO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE8220IPZPQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE8220IPZPQ1 Datasheet HTML 7Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 8Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 9Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 10Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 11Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 12Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 13Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 14Page - Texas Instruments AFE8220IPZPQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
I
2C BUS INTERFACE
t
HIGH
t
LOW
t
SU_DAT
t
HD_DAT
t
STOP
t
START
SCK
SDA
V
IL
V
IH
t
BUF
I
2C Bus Interface Timing
AFE8220-Q1
www.ti.com....................................................................................................................................................... SBAS455A – JANUARY 2009 – REVISED JULY 2009
Figure 3. I2C Bus Interface Timing
PARAMETER
MIN
TYP
MAX
UNIT
fSCK
SCK clock frequency
0
400
kHz
VIL
Input voltage, low
0.3 × VDD
V
VIH
Input voltage, high
0.7 × VDD
V
tSTART
Setup time for START or repeated START condition
0.6
µs
tSTOP
Setup time for STOP condition
0.6
µs
tLOW
LOW period of SCK clock
1.3
µs
tHIGH
HIGH period of SCK clock
0.6
µs
100(1)
tHD_DAT
Data hold time from SCK falling
ns
250
100(1)
tSU_DAT
Data setup time to SCK rising
ns
250
tBUF
Bus free time between a STOP and START condition
4.7
µs
(1)
Valid when MCLK > 20 MHz; otherwise is 250 ns.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): AFE8220-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com