Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC34709VKR2 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # PC34709VKR2
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34709VKR2 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button PC34709VKR2 Datasheet HTML 67Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 68Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 69Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 70Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 71Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 72Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 73Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 74Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 142 page
background image
Analog Integrated Circuit Device Data
71
Freescale Semiconductor
34709
Functional Block Description
7.5.6.10 VGEN1, VGEN2
General purpose LDOs, VGEN1, and VGEN2, are provided for expansion of the power tree to support peripheral devices, which
could include EMMC cards, WLAN, BT, GPS, or other functional modules. These regulators include programmable set points for
IDACLIM
Current Limit
• External PNP mode only
•VINMIN < VIN < VINMAX
• Current on VDACDRV multiplied by
of external PNP transistor
(IDACDRV when VDACDRV is forced to LDOVDD)
-
3.2*
-
mA
VDAC LOW-POWER MODE – DC - VDACMODE=1
VDAC
Output Voltage VOUT
•VINMIN < VIN < VINMAX ILMINLP < IL < ILMAXLP
VNOM – 3%
VNOM
VNOM + 3%
V
IDAC
Current Load Range ILMINLP to ILMAXLP
0.0
-
3.0
mA
IDACQ
Low-power Mode Quiescent Current
•VINMIN < VIN < VINMAX IL = 0
-
8.0
-
µA
VDAC ACTIVE MODE – AC
VDACPSRR
PSRR - IL = 75% of ILMAX 20 Hz to 20 kHz
•VIN = VINMIN + 100 mV
•VIN = VNOM + 1.0 V
35
50
40
60
-
-
dB
VDACNOISE
Output Noise Density, VIN = VINMIN IL = 75% of ILMAX
• 100 Hz – 1.0 kHz
•> 1.0 kHz – 10 kHz
•> 10 kHz – 1.0 MHz
-
-
-
-
-
-
-115
-126
-132
V/Hz
VDACSPURS
Spurs
• 32.768 kHz and harmonics
-
-
-120
dB
tON-VDAC
Turn-on Time
• Enable to 90% of end value VIN = VINMIN, VINMAX IL = 0
-
-
1.0
ms
tOFF-VDAC
Turn-off Time
• Disable to 10% of initial value VIN = VINMIN, VINMAX, IL = 0
0.05
-
10
ms
VDACOS-
START
Start-up Overshoot
•VIN = VINMIN, VINMAX IL = 0
-
1.0
2.0
%
VDACLO
TRANSIENT
Transient Load Response
•VIN = VINMIN, VINMAX
-
1.0
2.0
%
VDACLI
TRANSIENT
Transient Line Response
•IL = 75% of ILMAX
-
5.0
8.0
mV
tMODE-VDAC
Mode Transition Time
• From low-power to active VIN = VINMIN, VINMAX IL = ILMAXLP
-
-
100
µs
VDACMODE
RES
Mode Transition Response
• From low-power to active and from active to low-power
VIN = VINMIN, VINMAX IL = ILMAXLP
-
1.0
2.0
%
Table 60. VDAC Electrical Specification
Characteristics noted under conditions BP = 3.6 V, -40
C  TA  85 C, unless otherwise noted. Typical values at BP = 3.6 V
and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com