Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC34709VKR2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # PC34709VKR2
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC34709VKR2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button PC34709VKR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc PC34709VKR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 142 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
18
34709
General Description
6
General Description
The 34709 is the PMIC designed specifically for use with the Freescale i.MX50 and i.MX53 families. As the companion PMIC on
several i.MX reference designs, it is a proven solution, which enables a faster time to market with fewer resources.
6.1
Features
Power Generation
• Five buck switching regulators
• Two single/dual phase buck regulators
• Three single phase buck regulators
• Up to six independent outputs
• PFM/Auto pulse skip/PWM operation mode
• Dynamic voltage scaling
•5 V boost regulator
• Support for USB physical layer on i.MX processor (USB PHY)
• Seven LDO regulators
• Two with selectable internal or external pass devices
• Four with embedded pass devices
• One with an external PNP device
• One voltage reference for DDR memory with internal PMOS device
Analog to Digital Converter
• Seven general purpose channels
• Eight dedicated channels for monitoring the charger
• Resistive touchscreen interface
Auxiliary Circuits
• General purpose I/Os
• PWM outputs
Clocking and Oscillators
• Real time clock
• Time and day counters
• Time of day alarm
• 32.768 kHz crystal oscillator
• Coin cell battery backup
• Coin cell charger
Serial Interface
• SPI
•I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com