Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMA8652FC Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
23
NOTE
Auto-increment addresses that are not a simple increment are highlighted in bold.
The auto-increment addressing is only enabled when device registers are read using I2C
burst read mode. The internally stored auto-increment address is cleared whenever an I2C
STOP condition is detected.
PULSE_WIND(1)(4)
R/W
0x28
0x29
00000000
0x00
Window time for 2nd pulse
ASLP_COUNT(1)(4)
R/W
0x29
0x2A
00000000
0x00
Counter setting for Auto-SLEEP
CTRL_REG1(1)(4)
R/W
0x2A
0x2B
00000000
0x00
Data rates and modes setting
CTRL_REG2(1)(4)
R/W
0x2B
0x2C
00000000
0x00
Sleep Enable, OS modes,
RST, ST
CTRL_REG3(1)(4)
R/W
0x2C
0x2D
00000000
0x00
Wake from Sleep, IPOL, PP_OD
CTRL_REG4(1)(4)
R/W
0x2D
0x2E
00000000
0x00
Interrupt enable register
CTRL_REG5(1)(4)
R/W
0x2E
0x2F
00000000
0x00
Interrupt pin (INT1/INT2) map
OFF_X(1)(4)
R/W
0x2F
0x30
00000000
0x00
X-axis offset adjust
OFF_Y(1)(4)
R/W
0x30
0x31
00000000
0x00
Y-axis offset adjust
OFF_Z(1)(4)
R/W
0x31
0x0D
00000000
0x00
Z-axis offset adjust
1. Register contents are preserved when a transition from ACTIVE to STANDBY mode occurs.
2. Register contents are reset when a transition from STANDBY to ACTIVE mode occurs.
3.
Register contents can be modified at any time in either STANDBY or ACTIVE mode.
A write to this register will cause a reset of the corresponding internal system debounce counter.
4. Register contents can only be modified while the device is in STANDBY mode; the only exceptions to this are the CTRL_REG1[ACTIVE] and
CTRL_REG2[RST] bits.
Table 12. Register address map (Continued)
Name
Type
Register
Address
Auto-Increment Address
Default
Hex
Value
Comment
FMODE = 0
F_READ = 0
FMODE > 0
F_READ = 0
FMODE = 0
F_READ = 1
FMODE > 0
F_READ = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com