Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLQ015XG33R Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLQ015XG33R
Description  150 mA, ultra-low quiescent current linear voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015XG33R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLQ015XG33R Datasheet HTML 5Page - STMicroelectronics STLQ015XG33R Datasheet HTML 6Page - STMicroelectronics STLQ015XG33R Datasheet HTML 7Page - STMicroelectronics STLQ015XG33R Datasheet HTML 8Page - STMicroelectronics STLQ015XG33R Datasheet HTML 9Page - STMicroelectronics STLQ015XG33R Datasheet HTML 10Page - STMicroelectronics STLQ015XG33R Datasheet HTML 11Page - STMicroelectronics STLQ015XG33R Datasheet HTML 12Page - STMicroelectronics STLQ015XG33R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STLQ015xx
Typical performance characteristics
Doc ID 17285 Rev 2
9/17
6
Typical performance characteristics
Figure 4.
Output voltage vs. temperature
Figure 5.
Output voltage vs. input voltage
Figure 6.
Output voltage vs. input voltage
Figure 7.
Dropout voltage vs. temperature
Figure 8.
Dropout voltage vs. output current
Figure 9.
Quiescent current vs. temperature
-1.00%
-0.80%
-0.60%
-0.40%
-0.20%
0.00%
0.20%
0.40%
0.60%
0.80%
1.00%
-40
-20
0
20
40
60
80
100
120 140
Temperature [°C]
I
OUT = 1 mA
-1.00%
-0.80%
-0.60%
-0.40%
-0.20%
0.00%
0.20%
0.40%
0.60%
0.80%
1.00%
-40
-20
0
20
40
60
80
100
120 140
Temperature [°C]
I
OUT = 1 mA
0.0
0.2
0.4
0.6
0.8
1.0
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
V
IN [V]
T= -40°C
T= +25°C
T= 125°C
I
OUT = 150 mA, VOUT = 0.8 V
0.0
0.2
0.4
0.6
0.8
1.0
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
V
IN [V]
T= -40°C
T= +25°C
T= 125°C
I
OUT = 150 mA, VOUT = 0.8 V
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0.0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
5.5
V
IN [V]
T= -40°C
T= +25°C
T= 125°C
I
OUT = 150 mA, VOUT = 3.3 V
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
0.0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
5.5
V
IN [V]
T= -40°C
T= +25°C
T= 125°C
I
OUT = 150 mA, VOUT = 3.3 V
0.05
0.10
0.15
0.20
0.25
0.30
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
V
O = 1.5 V
V
O = 3.3 V
I
OUT = 150 mA
0.05
0.10
0.15
0.20
0.25
0.30
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
V
O = 1.5 V
V
O = 3.3 V
I
OUT = 150 mA
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
0.05
0.1
0.15
0.2
I
OUT [A]
V
O = 1.5 V
V
O = 3.3 V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
0.05
0.1
0.15
0.2
I
OUT [A]
V
O = 1.5 V
V
O = 3.3 V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
V
IN = 1.5 V, VO = 0.8 V
V
IN = 4.3 V, VO = 3.3 V
I
O = 0 mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
V
IN = 1.5 V, VO = 0.8 V
V
IN = 4.3 V, VO = 3.3 V
I
O = 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com