Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STLQ015XG33R Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLQ015XG33R
Description  150 mA, ultra-low quiescent current linear voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015XG33R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLQ015XG33R Datasheet HTML 6Page - STMicroelectronics STLQ015XG33R Datasheet HTML 7Page - STMicroelectronics STLQ015XG33R Datasheet HTML 8Page - STMicroelectronics STLQ015XG33R Datasheet HTML 9Page - STMicroelectronics STLQ015XG33R Datasheet HTML 10Page - STMicroelectronics STLQ015XG33R Datasheet HTML 11Page - STMicroelectronics STLQ015XG33R Datasheet HTML 12Page - STMicroelectronics STLQ015XG33R Datasheet HTML 13Page - STMicroelectronics STLQ015XG33R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Typical performance characteristics
STLQ015xx
10/17
Doc ID 17285 Rev 2
Figure 10.
Supply voltage rejection vs.
frequency
Figure 11.
Supply voltage rejection vs. IOUT
Figure 12.
Quiescent current vs. input voltage Figure 13.
Quiescent current vs. output
current
Figure 14.
Output noise voltage vs. frequency Figure 15.
COUT stability region
10
20
30
40
50
60
70
100
1000
10000
100000
f [Hz]
Vout=0.8V
Vout=3.3V
0
10
20
30
40
50
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 1.5, VO = 0.8 V
V
IN = 4.3 V, VO = 3.3 V
f = 1 kHz
0
10
20
30
40
50
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 1.5, VO = 0.8 V
V
IN = 4.3 V, VO = 3.3 V
f = 1 kHz
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
4.5 5.0 5.5
V
IN [V]
V
O = 0.8 V
V
O = 3.3 V
I
O = 1 mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.40
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
4.5 5.0 5.5
V
IN [V]
V
O = 0.8 V
V
O = 3.3 V
I
O = 1 mA
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 4.3 V, VO = 3.3 V
V
IN = 1.5 V, VO = 0.8 V
T
J = 25 °C
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
0
20
40
60
80
100
120
140
160
I
OUT [mA]
V
IN = 4.3 V, VO = 3.3 V
V
IN = 1.5 V, VO = 0.8 V
T
J = 25 °C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
10
100
1000
10000
100000
f [Hz]
3V3 Iload= 10mA
0V8 Iload= 10mA
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0
C
OUT [µF]
ESR MAX
ESR MIN
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0 10.0
C
OUT [µF]
ESR MAX
ESR MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com