Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75LBC976DLR Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75LBC976DLR
Description  9-CHANNEL DIFFERENTIAL TRANSCEIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC976DLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75LBC976DLR Datasheet HTML 3Page - Texas Instruments SN75LBC976DLR Datasheet HTML 4Page - Texas Instruments SN75LBC976DLR Datasheet HTML 5Page - Texas Instruments SN75LBC976DLR Datasheet HTML 6Page - Texas Instruments SN75LBC976DLR Datasheet HTML 7Page - Texas Instruments SN75LBC976DLR Datasheet HTML 8Page - Texas Instruments SN75LBC976DLR Datasheet HTML 9Page - Texas Instruments SN75LBC976DLR Datasheet HTML 10Page - Texas Instruments SN75LBC976DLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
SN75LBC976
9CHANNEL DIFFERENTIAL TRANSCEIVER
SLLS133D − AUGUST 1992 − REVISED MAY 1995
2−7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
Vtest
RL = 75 Ω
Vtest
VOD
B+
B−
A
0 V or 3 V
CDE0 at 5 V,
DE/RE at 5 V,
BSR at 0 V,
Others Open
R1 = 165
Ω
R2 = 165
Ω
Figure 2. Driver VOD Test Circuit
CDE0 at 5 V,
DE/RE at 5 V,
BSR at 0 V
Others Open
(see Note A)
A
B+
B−
VOD
VIH
or
VIL
−IIH
or
−IIL
−IOH,
−IOL,
−IOS,
or
−IOZ
VO,
VOH,
or
VOL
NOTE A: For the IOZ test, the BSR input is at 5 V and all others are at 0 V.
Figure 3. Driver Test Circuit and Input Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com